Electronic Components Datasheet Search
  English  ▼

X  

MY4F Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # MY4F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4F Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button MY4F Datasheet HTML 2Page - Omron Electronics LLC MY4F Datasheet HTML 3Page - Omron Electronics LLC MY4F Datasheet HTML 4Page - Omron Electronics LLC MY4F Datasheet HTML 5Page - Omron Electronics LLC MY4F Datasheet HTML 6Page - Omron Electronics LLC MY4F Datasheet HTML 7Page - Omron Electronics LLC MY4F Datasheet HTML 8Page - Omron Electronics LLC MY4F Datasheet HTML 9Page - Omron Electronics LLC MY4F Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
MY(S)
Engineering Data MY2(S)/ MY4(S)/MY4Z(S)
Maximum Switching Capacity
MY2(S)
Endurance Curve
MY2(S)
MY2(S)
MY4(S) and MY4Z(S)
MY4(S)
MY4(S)
MY4Z(S)
MY4Z(S)
100
10
1
0.1
0.5
0.3
5
3
50
30
1
3
5
10
30 50
100
500
250
Contact voltage (V)
AC resistive load
AC inductive load
(cos φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7)
10,000
1,000
100
10
50
30
500
300
5,000
3,000
02
4
6
8
10
Contact current (A)
30 VDC
resistive load
30 VDC
resistive load
250 VAC
resistive load
250 VAC
resistive load
10,000
1,000
100
10
50
30
500
300
5,000
3,000
01
2
3
4
5
Contact current (A)
30 VDC
inductive load
30 VDC
inductive load
250 VAC
inductive load
250 VAC
inductive load
100
10
1
0.1
0.5
0.3
5
3
50
30
1
3
5
10
30 50
100
500
250
Contact voltage (V)
AC resistive load
AC inductive load
(cos φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7)
10,000
1,000
100
10
50
30
500
300
5,000
3,000
01
2
3
4
5
Contact current (A)
30 VDC
resistive load
30 VDC
resistive load
250 VAC
resistive load
250 VAC
resistive load
10,000
1,000
100
10
50
30
500
300
5,000
3,000
0
0.5
1
1.5
2
Contact current (A)
30 VDC
inductive load
30 VDC
inductive load
250 VAC
inductive load
250 VAC
inductive load
10,000
1,000
100
10
50
30
500
300
5,000
3,000
01
2
3
4
5
Contact current (A)
30 VDC
resistive load
30 VDC
resistive load
250 VAC
resistive load
250 VAC
resistive load
10,000
1,000
100
10
50
30
500
300
5,000
3,000
0
0.5
1
1.5
2
Contact current (A)
30 VDC
inductive load
30 VDC
inductive load
250 VAC
inductive load
250 VAC
inductive load
Energized
Y
X
Z
X'
Z'
Y'
550
400
600
300
550
600
400
600
600
250
600
700
Unit: m/s2
Not energized
Common Specifications for MY2(S)/MY4(S)/MY4Z(S)
Malfunctioning Shock
N = 20
Measurement: Shock was applied 3 times each in 6 directions along 3 axes with
the Relay energized and not energized to check the shock values that cause the
Relay to malfunction.
Criteria: Non-energized: 200 m/s2 ,
Energized: 200 m/s2
Shock direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com