Electronic Components Datasheet Search
  English  ▼

X  

MY4F Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # MY4F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4F Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button MY4F Datasheet HTML 20Page - Omron Electronics LLC MY4F Datasheet HTML 21Page - Omron Electronics LLC MY4F Datasheet HTML 22Page - Omron Electronics LLC MY4F Datasheet HTML 23Page - Omron Electronics LLC MY4F Datasheet HTML 24Page - Omron Electronics LLC MY4F Datasheet HTML 25Page - Omron Electronics LLC MY4F Datasheet HTML 26Page - Omron Electronics LLC MY4F Datasheet HTML 27Page - Omron Electronics LLC MY4F Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
MY(S)
Specifications
Note: 1. The values given above are initial values.
2. The values for insulation resistance were measured at 500 VDC at the same place as the dielectric strength.
3. The maximum operating ambient temperature for the PYF08A-N and PYF14A-N is 55°C.
4. When using the PYF08A-N or PYF14A-N at an operating ambient temperature exceeding 40°C, reduce the current to 60%.
5. The MY2(S) can be used at 70°C with a carry current of 7 A.
Options (Order Separately)
Connection Socket and Mounting Bracket Selection Table
(The possible combinations of models with plug-in terminals and sockets)
Note: Refer to Common Socket and DIN Track Products for the external dimensions of the Socket Relays and details on Hold-down Clips.
*1. The information in parentheses is the model number of the applicable Mounting Bracket. Mounting Brackets are sold in sets of two. However,
the PYC-P is just one Mounting Bracket.
*2. The PYF@A-E has a terminal cover with finger protection. The Socket and Terminal Cover are integrated into one unit. Round terminals cannot
be used. Use forked terminals or ferrules instead.
*3. A Push-In Plus Terminal Block Socket functions as a release lever to hold or remove a Relay. Refer to PYF-@@-PU/P2RF-@@-PU for details.
*4. If an MYI@(S) Relay with a Latching Lever is used in combination with a PY@-02 Socket for Relays with PCB Terminal Socket and PYC-P
Mounting Brackets, the lever will not operate.
*5. We recommends using the PYC-E1 Mounting Bracket for a MY2I(S) Relay with Latching Lever. (If the PYC-A1 is used with the MY2I(S), the
latching lever will be blocked by the Mounting Bracket and the lever will not operate.)
*6. The Mounting Brackets are applicable for Relays with a height of 36 mm or less. If the Relay height is greater than 53 mm, use Y92H-3 for the
Front-mounting Socket and PYC-1 for the Back-mounting Socket. (The Y92H-3 is a set of two Brackets and the PYC-1 is just one Bracket.)
Mounting
Terminal
type
No. of poles
Model
Carry current
Dielectric
withstand voltage
Insulation resistance
(see note 2)
DIN-rail-mounted Socket
Push-In Plus
terminals
2
PYF-08-PU
10 A
2,000 VAC, 1 min
1,000 M
Ω min
4
PYF-14-PU
6 A
Screw terminals
2
PYF08A(-E)
7 A
2,000 VAC, 1 min
1,000 M
Ω min
PYF08A-N (see note 3)
7 A (see note 4)
4
PYF14A(-E)
5 A
2,000 VAC, 1 min
1,000 M
Ω min
PYF14A-N (see note 3)
5 A (see note 4)
Rise-Up
terminals
2 and 4
Common
PYF14-ESS-B
12 A
> 3 KV
> 5 M
Ω
PYF14-ESN-B
Back-connecting
Solder terminals
2
PY08(-Y1)
7 A
1,500 VAC, 1 min
1000 M
Ω min.
4
PY14(-Y1)
3 A
100 M
Ω min.
Wrapping
terminals
2
PY08QN(-Y1)
7 A
4
PY14QN(-Y1)
3 A
Relays with
PCB terminals
2
PY08-02
7 A
4
PY14-02
3 A
Connecting method
Front-mounting Sockets (PYF□)
Back-mounting Sockets (PY□)
Mounting method
Track or screw mounting
Terminal Type
Screw
terminals
Screw
terminals
Rise-Up
terminals
Push-In
Plus
Terminal
Block *3
Solder terminals
Wrapping terminals
Relays
with PCB
Terminals *4
(finger
protection
structure) *2
Terminal length:
25 mm
Terminal length:
20 mm
No. of
poles
Model
(Sold separately:
Hold-down Clips) *1
Without  
Release  
Lever
With  
Release  
Lever
Without
Mounting
Brackets *1
With
Mounting
Brackets
Without
Mounting
Brackets *1
With
Mounting
Brackets
Without
Mounting
Brackets *1
With
Mounting
Brackets
(Sold
separately
: Hold-down
Clips) *1
8
MY2(S),
MY2ZN
(except
for MY2K
@,
MY2Z
@-CR)
PYF08A
(PYC-A1)
PYF08A-E
(PYC-A1)
PYF08A-N
(PYC-A1)
PYF14-ESN-B
(PYC-35-B)
PYF14-ESS-B
(PYC-35-B)
PYF-08-PU
PY08
(PYC-P)
PY08-Y1
PY08QN
(PYC-P)
PY08QN-Y1
PY08QN2
(PYC-P)
PY08QN2-Y1
PY08-02
(PYC-P)
MY2I(S) *5
PYF08A
(PYC-E1)
PYF08A-E
(PYC-E1)
PYF08A-N
(PYC-E1)
MY2Z-
@-CR *6
PYF08A
(Y92H-3)
PFY08A-E
(Y92H-3)
PFY08A-N
(Y92H-3)
PY08
(PYC-1)
PY08-Y3
PY08QN
(PYC-1)
PY08QN2
(PYC-1)
PY08-02
(PYC-1)
14
MY4(S),
MY4I(S),
MY4-CBG,
MY4Q,
MY4(Z)H,
MY2K
PYF14A
(PYC-A1)
PYF14A-E
(PYC-A1)
PYF14A-N
(PYC-A1)
PYF-14-PU
PY14
(PYC-P)
PY14-Y1
PY14QN
(PYC-P)
PY14QN-Y1 PY14QN2
(PYC-P)
PY14QN2-Y1 PY14-02
(PYC-P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com