Electronic Components Datasheet Search
  English  ▼

X  

MY4F Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # MY4F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4F Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button MY4F Datasheet HTML 6Page - Omron Electronics LLC MY4F Datasheet HTML 7Page - Omron Electronics LLC MY4F Datasheet HTML 8Page - Omron Electronics LLC MY4F Datasheet HTML 9Page - Omron Electronics LLC MY4F Datasheet HTML 10Page - Omron Electronics LLC MY4F Datasheet HTML 11Page - Omron Electronics LLC MY4F Datasheet HTML 12Page - Omron Electronics LLC MY4F Datasheet HTML 13Page - Omron Electronics LLC MY4F Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
MY(S)
Dimensions
(Unit: mm)
MY2ZN
(AC Models)
MY2ZN
(DC Models)
MY2ZN-D2
(DC Models Only)
(The coil has no polarity.)
Check the coil polarity when wiring
and wire all connections correctly.
Check the coil polarity when wiring
and wire all connections correctly.
28 max.
2.6
0.5
21.5 max.
36 max.
6.4
Eight, 1.2-dia. × 2.2 oval holes
MY2ZN, MY2ZN-D2
Note: 1. An AC model has coil disconnection self-diagnosis.
2. For the DC models, check the coil polarity when wiring and wire all connections
correctly.
3. The indicator is red for AC and green for DC.
4. The operation indicator indicates the energization of the coil and does not
represent contact operation.
* For the MY2Z-CR and MY2ZN-CR,
this dimension is 53 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com