Electronic Components Datasheet Search
  English  ▼

X  

MY4F Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # MY4F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4F Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button MY4F Datasheet HTML 4Page - Omron Electronics LLC MY4F Datasheet HTML 5Page - Omron Electronics LLC MY4F Datasheet HTML 6Page - Omron Electronics LLC MY4F Datasheet HTML 7Page - Omron Electronics LLC MY4F Datasheet HTML 8Page - Omron Electronics LLC MY4F Datasheet HTML 9Page - Omron Electronics LLC MY4F Datasheet HTML 10Page - Omron Electronics LLC MY4F Datasheet HTML 11Page - Omron Electronics LLC MY4F Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
MY(S)
Detailed Information on Models Certified for Safety Standards, MY2(S)/MY4(S)/MY4Z(S)
VDE-certified Models (No. 112467UG, EN61810-1)
UL508-certified Models (File No. 41515)
CSA 22.2 No. 14-certified Models (File No. LR31928)
LR-certified Models (File No. 98/10014)
Model
Coil ratings
Contact form
Contact ratings
File No.
Certified number of operations
MY
@
6, 12, 24, 48/50, 100/
110, 110/120, 200/
220, and 220/240 VAC
6, 12, 24, 48, 100/
110, and 125 VDC
DPDT
10 A, 250 VAC (cos φ = 1)
10 A, 30 VDC (L/R = 0 ms)
6692 (VDE0435)
MY2: 10,000 operations
MY4: 100,000 operations
MY4Z: 50,000 operations (AC)
4PDT
5 A, 250 VAC (cos φ = 1)
5 A, 30 VDC (L/R = 0 ms)
Model
Coil ratings
Contact form
Contact ratings
File No.
Certified number of operations
MY
@
6 to 240 VAC
6 to 125 VDC
DPDT
10A, 250 VAC (General Use)
E41515 (UL508)
6,000
10A, 30 VDC (General Use)
7A, 240 VAC (General Use)
7A, 24 VDC (Resistive)
5A, 240 VAC (General Use)
5A, 250 VAC (Resistive)
5A, 30 VDC (Resistive)
3A, 265 VAC (Resistive)
1/6HP, 250 VAC
1,000
1/8HP, 265 VAC
1/10HP, 120 VAC
B300 Pilot Duty (Same polarity)
6,000
4PDT
5A, 28 VDC (General Use) (Same polarity)
6,000
5A, 240 VAC (General Use) (Same polarity)
5A, 30 VDC (Resistive) (Same polarity)
5A, 250 VAC (Resistive) (Same polarity)
0.2A, 120 VDC (Resistive) (Same polarity)
1/6HP, 250 VAC (Same polarity)
1,000
1/10HP, 120 VAC (Same polarity)
B300 Pilot Duty (Same polarity)
6,000
Model
Coil ratings
Contact form
Contact ratings
File No.
Certified number of operations
MY
@
6 to 240 VAC
6 to 125 VDC
DPDT
7A, 240 VAC (General Use)
LR31928
(CSA C22.2)
(No. 14)
6,000
7A, 24 VDC (Resistive)
5A, 240 VAC (General Use)
5A, 250 VAC (Resistive)
5A, 30 VDC (Resistive)
3A, 265 VAC (Resistive)
1/6HP, 250 VAC
1,000
1/8HP, 265 VAC
1/10HP, 120 VAC
B300 Pilot Duty (Same polarity)
6,000
4PDT
5A, 240 VAC (General Use) (Same polarity)
6,000
5A, 28 VDC (General Use) (Same polarity)
5A, 250 VAC (Resistive) (Same polarity)
5A, 30 VDC (Resistive) (Same polarity)
0.2A, 120 VDC (Resistive) (Same polarity)
1/6HP, 250 VAC (Same polarity)
1,000
1/10HP, 120 VAC (Same polarity)
B300 Pilot Duty (Same polarity)
6,000
Model
Coil ratings
Contact form
Contact ratings
File No.
Certified number of operations
MY
@
6 to 240 VAC
6 to 125 VDC
DPDT
10 A, 250 VAC (resistive)
2 A, 250 VAC (PF0.4)
10 A, 30 VDC (resistive)
2 A, 30 VDC (L/R = 7 ms)
98/10014
MY2: 50,000 operations
MY4: 50,000 operations
4PDT
5 A, 250 VAC (resistive)
0.8 A, 250 VAC (PF0.4)
5 A, 30 VDC (resistive)
1.5 A, 30 VDC (L/R = 7 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com