Electronic Components Datasheet Search
  English  ▼

X  

MY4F Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # MY4F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4F Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button MY4F Datasheet HTML 16Page - Omron Electronics LLC MY4F Datasheet HTML 17Page - Omron Electronics LLC MY4F Datasheet HTML 18Page - Omron Electronics LLC MY4F Datasheet HTML 19Page - Omron Electronics LLC MY4F Datasheet HTML 20Page - Omron Electronics LLC MY4F Datasheet HTML 21Page - Omron Electronics LLC MY4F Datasheet HTML 22Page - Omron Electronics LLC MY4F Datasheet HTML 23Page - Omron Electronics LLC MY4F Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
MY(S)
Engineering Data
MY2K
Maximum Switching Capacity
Endurance Curve
MY2K 100 VAC
MY2K 24 VDC
Malfunctioning Shock
Magnetic Interference
(External Magnetic Field)
Latching Deterioration Over
Time
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
AC inductive load
(cos φ = 0.4)
10
0.1
0.5
1
5
5
10
50
100
500
Contact voltage (V)
30 VDC resistive load
110 VAC resistive load
220 VAC resistive load
10
50
100
500
01
2
3
Contact current (A)
30 VDC inductive load
(L/R = 7 ms)
110 VAC inductive load
(cos φ = 0.4)
220 VAC
inductive load
(cos φ = 0.4)
10
1
50
100
500
0
0.5
1.5
Contact current (A)
Energized
Not energized Y
X
Z’
X’
Z
Y’
900
1000
1000
400
400
800
700
400
400
1000
350
900
1000
300
1000
Unit: m/s2
Armature deviation
when set
N = 20
Measurement: Shock was applied 2
times each in 6 directions along 3
axes with the Relay energized and not
energized to check the shock values
that cause the Relay to malfunction.
Criteria: Non-energized: 200 m/s2
Energized: 200 m/s2
Reset voltage
Set voltage
Uniform magnetic field strength (0e)
(Average values)
S
NS
N
80
80
60
60
40
20
−20
−40
−60
40
80
60
−80
N = 5
Measurement: The percentage of change in the operating and
release voltages in a uniform external magnetic field
were measured (worst magnetic field direction).
40
Average value
60
90
80
70
100
0 50
100
300 500 1,000
5,000 10,000
Elapsed time (h)
N = 24
Measurement: The rate of deterioration in latching ability was
measured over time with the Relay left at a normal temperature
(20 to 30°C) after latching by applying the rated voltage.
Dimensions
(Unit: mm)
28 max.
6.3
2.6
0.5
21.5 max.
0.5
36 max.
6.4
Ten, 1.2-dia. × 2.2 oval holes
Relays with Plug-in Terminals or Soldered Terminals
MY2K
Terminal Arrangement/Internal
Connections (Bottom View)
For AC
Note: R is a resistor for ampere-turn correction. This resistor is
built-in to 50-VAC and higher models.
(The coil has no polarity.)
Safety Precautions
• For applications that use a 200 VAC power supply, connect external resistors Rs and Rr to a 100 VAC Relay.
• Do not apply a voltage to the set and reset coils at the same time. If you apply the rated voltage to both coils
simultaneously, the Relay will be set.
• The minimum pulse width in the performance column is the value for the following measurement conditions: an ambient
temperature of 23° C with the rated operating voltage applied to the coil. The performance values given here may not be
satisfied due to use over time and a reduction in latching performance due to changes in the ambient temperature or in
the conditions of the application circuit.
For actual use, apply the rated operating voltage with a pulse width based on the actual load and reset the Relay at least
once per year to prevent degradation over time.
• If the Relay is used in an environment with strong magnetic fields, the surrounding magnetic field can demagnetize the
magnetic body and cause unintended operation. Therefore, do not use these Relays in environments with strong
magnetic fields.
Relay Replacement
To replace the Relay, turn OFF the power supply to the load and Relay coil sides to prevent unintended operation and possible electrical shock.
Applicable Sockets
Use only combinations of OMRON Relays and Sockets.
14
Rr
Rs
Rs: 7.3 k
Ω, 3 W min.
Rr: 14.3 k
Ω, 1 W min.
Reset power supply
Set power supply
13
910
11
12
58
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com