Electronic Components Datasheet Search
  English  ▼

X  

SLWS139 Datasheet(PDF) 21 Page - Texas Instruments

Part # SLWS139
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS139 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SLWS139 Datasheet HTML 17Page - Texas Instruments SLWS139 Datasheet HTML 18Page - Texas Instruments SLWS139 Datasheet HTML 19Page - Texas Instruments SLWS139 Datasheet HTML 20Page - Texas Instruments SLWS139 Datasheet HTML 21Page - Texas Instruments SLWS139 Datasheet HTML 22Page - Texas Instruments SLWS139 Datasheet HTML 23Page - Texas Instruments SLWS139 Datasheet HTML 24Page - Texas Instruments SLWS139 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
3–9
3.7.1
S2C (Start-Stop Communication)
The S2C is a write-only interface selected by programming bits D1-D0 of control register 2 to 01. The SDA input is
normally in a high state, pulled low (START bit) to start the communication, and pulled high (STOP bit) after the
transmission of the LSB. Figure 3–9 shows the timing diagram of S2C. The S2C also supports a broadcast mode in
which the same register of all devices in cascade is programmed in a single write. To use S2Cs broadcast mode,
execute the following steps:
1.
Write 111 1000 1111 1111 after the start bit to enable the broadcast mode.
2.
Write data to program control register as specified in with bits D14–D11 = XXXX (don’t care).
3.
Write 111 1000 0000 0000 after the start bit to disable the broadcast mode.
D15
D14
D13
D12
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SCL
SDA
Start Bit = 0
Stop Bit = 1
SMARTDM Device
Address
(see Table 3–1)
Register
Address
Register Content
Figure 3–9. S2C Programming
3.7.2
I2C
•
Each I2C read-from or write-to AIC15s control register is given by index register address.
•
Read/write sequence always starts with the first byte as I2C address followed by 0. During the second byte,
default/broadcast mode is set and the index register address is initialized. For write operation control
register, data to be written is given from the third byte onwards. For read operation, stop-start is performed
after the second byte. Now the first byte is I2C address followed by 1. From the second byte onwards, control
register data appears.
•
Each time read/write is performed, the index register address is incremented so that next read/write is
performed on the next control register.
•
During the first write cycle and all write cycles in the broadcast, only the device with address 0000 issues
ACK to the I2C.
I2C Write Sequence
SCL
SDA
A5
A4
A3
A2
A1
A0
0
ACK B7
B6
B5
B4
B3
R2
R1
R0
A6
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
ACK
Start Bit = 0
SMARTDM Device
Address
(see Table 3-1)
00000 = Default
11111 = Broadcast Mode
Index Register Address
(Index)
Control Register Data for Write
(Index)
Control Register Data for Write
(Index+1)
6
Programmable I2C Device Address
Set by Control Register 2
I2C
5
I2C
4
I2C
Figure 3–10. I2C Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com