Electronic Components Datasheet Search
  English  ▼

X  

SLWS139 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLWS139
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS139 Datasheet(HTML) 1 Page - Texas Instruments

  SLWS139 Datasheet HTML 1Page - Texas Instruments SLWS139 Datasheet HTML 2Page - Texas Instruments SLWS139 Datasheet HTML 3Page - Texas Instruments SLWS139 Datasheet HTML 4Page - Texas Instruments SLWS139 Datasheet HTML 5Page - Texas Instruments SLWS139 Datasheet HTML 6Page - Texas Instruments SLWS139 Datasheet HTML 7Page - Texas Instruments SLWS139 Datasheet HTML 8Page - Texas Instruments SLWS139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15, TLV320AIC20
TLV320AIC21, TLV320AIC24, TLV320AIC25
OCTOBER 2003
PRODUCT NOTIFICATION
DEVICE
LITERATURE NO.
TLV320AIC12
SLWS115
TLV320AIC13
SLWS139
TLV320AIC14
SLWS140
TLV320AIC15
SLWS141
TLV320AIC20
SLAS363
TLV320AIC21
SLAS365
TLV320AIC24
SLAS366
TLV320AIC25
SLAS367
Texas Instruments (TI) has recently identified a problem in the product models listed above related to DLL
clock-generation. When a clock-generation mode is used that powers up the delay-locked-loop (DLL), the DLL
may not startup properly when initiated, resulting in the audio master clock not functioning. This results in the
codec in the products not functioning. This issue does not affect applications that do not enable the product’s
DLL.
Since this issue does not affect operation if the DLL is not enabled, customers are recommended to ensure their
system does not enable the product’s DLL. The DLL is enabled anytime the P value in control register #4
(pertaining to clock generation) is NOT set equal to 8. The DLL is used whenever the part is in fine sampling
mode, as described in Section 3.1 of the data manual, so the recommended mode to use is the coarse sampling
mode, which requires P=8.
At present, TI does not have a screening procedure in place to detect product with the DLL issue, but the
company also realizes that many customers do not use the DLL in their systems and will be unaffected by this
issue.
TI is not confident of the operation of the DLL in this product at this time. To ensure customers have been made
aware of this issue, orders for these parts will only be filled upon return of a signed waiver until this issue is
resolved. The company has initiated an investigation to fully understand the root cause of this problem and
determine what appropriate long-term corrective action should be taken. TI recommends that all customers
presently using these parts contact the company immediately, so they can receive updates on this investigation
and plans for its resolution.
We apologize for the inconvenience placed upon customers in ordering this product. However, we wish to
ensure that our customers are aware of the device shortcomings from the specification. We are working in
earnest to remove this waiver requirement.
For further information, please contact
Neeraj Magotra
WW Strategic Marketing Manager for Voice/Audio Systems
Office: (214) 480 - 7486
nmagotra@ti.com
www.ti.com
Copyright
 2003, Texas Instruments Incorporated


Similar Part No. - SLWS139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLWS139 TI2-SLWS139 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results

Similar Description - SLWS139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC11 TI-TLV320AIC11 Datasheet
249Kb / 55P
General-Purpose Low-Voltage 1.1V to 3.6V/0 16-bit 22-KSPS DSP CODEC
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
logo
Texas Instruments
TLV320AIC10IGQER TI-TLV320AIC10IGQER Datasheet
432Kb / 57P
General-Purpose 3 V to 5.5V 16-Bit 22-KSPS DSP CODEC
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com