Electronic Components Datasheet Search
  English  ▼

X  

SLWS139 Datasheet(PDF) 13 Page - Texas Instruments

Part # SLWS139
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS139 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SLWS139 Datasheet HTML 9Page - Texas Instruments SLWS139 Datasheet HTML 10Page - Texas Instruments SLWS139 Datasheet HTML 11Page - Texas Instruments SLWS139 Datasheet HTML 12Page - Texas Instruments SLWS139 Datasheet HTML 13Page - Texas Instruments SLWS139 Datasheet HTML 14Page - Texas Instruments SLWS139 Datasheet HTML 15Page - Texas Instruments SLWS139 Datasheet HTML 16Page - Texas Instruments SLWS139 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
3–1
3 Functional Description
3.1
Operating Frequencies (see Notes)
The sampling frequency is the frequency of the frame sync (FS) signal whose falling edge starts digital-data transfer
for both ADC and DAC. The sampling frequency is derived from the master clock (MCLK) input by the following
equations:
•
Coarse sampling frequency (default):
The coarse sampling is selected by programming P = 8 in the control register 4, which is the default
configuration of AIC15 on power-up or reset.
FS = Sampling (conversion) frequency = MCLK / (16
× M × N × 8)
•
Fine sampling frequency (see Note 5):
FS = Sampling (conversion) frequency = MCLK/ (16
× M × N × P)
NOTES:
1. Use control register 4 to set the following values of M, N, and P
2. M = 1,2, . . . ,128
3. N = 1,2, . . . ,16
4. P = 1,2, . . . ,8
5. The fine sampling rate needs an on-chip Delay Lock Loop (frequency multiplier) to generate internal clocks. The
DLL requires the relationship between MCLK and P to meet the following condition: 10 MHz
≤ (MCLK/P) ≤ 25 MHz
6. Both equations of FS require that the following conditions should be met:
S (M × N × P) ≥ (devnum × mode) if the FIR/IIR filter is not bypassed.
S [Integer(M/4) × N × P] ≥ (devnum × mode) if the FIR/IIR filter is bypassed.
where
devnum is the number of devices connecting in cascade
mode is equal to 1 for continuous data transfer mode and 2 for programming mode
EXAMPLE:
The MCLK comes from the DSP C5402’s CLKOUT and equals to 20.48 MHz and the conversion rate of 8 kHz is
desired. First, set P = 1 to satisfy the condition 5 so that (MCLK/P) = 20.48 MHz/1 = 20.48 MHz. Next, pick
M = 10 and N = 16 to satisfy condition 6 and derive 8 kHz for FS. That is,
FS = 20.48 MHz/ (16
× 10 × 16 × 1) = 8 kHz
3.2
Internal Architecture
3.2.1
Antialiasing Filter
The built-in antialiasing filter is a two-pole filter that has a 20-dB attenuation at 1 MHz.
3.2.2
Sigma-Delta ADC
The sigma-delta analog-to-digital converter is a sigma-delta modulator with 128-x oversampling. The ADC provides
high-resolution, low-noise performance using oversampling techniques. Due to the oversampling employed, only
single pole R-C filters are required on the analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com