Electronic Components Datasheet Search
  English  ▼

X  

SLWS139 Datasheet(PDF) 41 Page - Texas Instruments

Part # SLWS139
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS139 Datasheet(HTML) 41 Page - Texas Instruments

Back Button SLWS139 Datasheet HTML 37Page - Texas Instruments SLWS139 Datasheet HTML 38Page - Texas Instruments SLWS139 Datasheet HTML 39Page - Texas Instruments SLWS139 Datasheet HTML 40Page - Texas Instruments SLWS139 Datasheet HTML 41Page - Texas Instruments SLWS139 Datasheet HTML 42Page - Texas Instruments SLWS139 Datasheet HTML 43Page - Texas Instruments SLWS139 Datasheet HTML 44Page - Texas Instruments SLWS139 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
5–5
5.7.4
DAC Channel Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic range
VI = 0 dB at 1020 Hz
92
dB
Interchannel isolation
120
dB
EG
Gain error, 0 dB
VO = 0 dB at 1020 Hz
0.5
dB
Common mode voltage
1.35
V
Idle channel narrow band noise
0 kHz–4 kHz, See Note 6
80
125
Vrms
VOO
Output offset voltage at OUT1 (differential)
DIN = All zeros
10
mV
VO
Analog output voltage, (3.3 V)
OUTP1
0.35
2.35
V
PO
Maximum output power
600
Ω load at 3.3 V between OUTP1 and OUTM1
6.7
mW
IIR
Channel delay
5/fs
s
FIR
Channel delay
18/fs
s
NOTE 6: The conversion rate is 8 kHz.
5.8
BIAS Amplifier Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
2.2
2.35
2.4
V
Integrated noise
300 Hz–13 kHz
20
µV
Offset voltage
10
mV
Current drive
10
mA
Unity gain bandwidth
1
MHz
DC gain
140
dB
5.9
Power-Supply Rejection (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
Supply voltage rejection ratio analog supply (f
0 to f /2) at 1 kHz
Differential
75
dB
AVDD
Supply-voltage rejection ratio, analog supply (f(j) = 0 to fs/2) at 1 kHz
Single-ended
50
dB
DVDD
Supply voltage rejection ratio
DAC channel
f
0 kHz to 30 kHz
95
dB
DVDD
Supply-voltage rejection ratio
ADC channel
f(j) = 0 kHz to 30 kHz
86
dB
NOTE 7: Power supply rejection measurements are made with both the ADC and DAC channels idle and a 200 mV peak-to-peak signal applied
to the appropriate supply.
5.10 Power Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Power dissipation
11.2
16.5
mW
I
Total current
Power down
3.4
5
mA
I(t)
Total current
Power down
0.01
mA
ADC
2
Analog
DAC
1
mA
IDD
Supply current
Analog
Ref
0.4
mA
DD
y
Digital
All sections on
1.8
mA
Digital
Coarse sampling
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com