Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 3 Page - Texas Instruments

  TMP104 Datasheet HTML 1Page - Texas Instruments TMP104 Datasheet HTML 2Page - Texas Instruments TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TX
B2
A2
B1
A1
RX
GND
V+
3
TMP104
www.ti.com
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFF PACKAGE
WCSP-4 (DSBGA-4)
(TOP VIEW)
Pin Functions
PIN
DESCRIPTION
NO.
NAME
A1
V+
Supply voltage
A2
GND
Ground
B1
TX
Serial data output pin (push-pull output)
B2
RX
Serial data input pin
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage
4
V
Input voltage
–0.3
(V+) + 0.5
and
≤ 4
V
Operating temperature
–55
150
°C
Junction temperature
+150
°C
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±100
Machine model (MM)
200
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.3 Thermal Information
THERMAL METRIC(1)
TMP104
UNIT
YFF (DSBGA)
4 PINS
RθJA
Junction-to-ambient thermal resistance
188.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
2.1
°C/W
RθJB
Junction-to-board thermal resistance
35.1
°C/W
ψJT
Junction-to-top characterization parameter
10.6
°C/W
ψJB
Junction-to-board characterization parameter
35.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com