Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments TMP104 Datasheet HTML 10Page - Texas Instruments TMP104 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
S
S
S
1
1
1
1
0
0
0
0
P0
D0
P1
D1
P2
D2
P3
D3
P4
D4
P5
D5
P6
D6
P7
D7
P
P
P
Calibration Byte (55h)
Command with Address Pointer
Register Data (8 LSBs)
S
P
= Start Condition of SMAART Wire Protocol
= Stop Condition of SMAART Wire Protocol
1-bit default delay
for bus direction change.
Driven by TMP104
t
R
t
F
Baud
TYP
Jitter
-
Jitter +
7
TMP104
www.ti.com
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Feature Description (continued)
7.2.3 SMAART Wire™ Interface Timing Specifications
Figure 6 shows the key timing and jitter considerations for the SMAART wire interface. Table 1 lists the timing
specifications for ensured, reliable operation. During a transaction, the baud rate must remain within ±1% of its
initialization byte value; however, the baud rate can change from transaction to transaction. There is an allowed
delay between each byte transfer of less than 28 ms, which is the bus inactivity timeout check for the TMP104
SMAART wire interface.
Figure 6. SMAART Wire™ Timing Diagram
Table 1. Timing Diagram Definitions
PARAMETER
MIN
MAX
UNIT
Baud
4.8 k
114 k
Bits/s
tR
Clock/data rise time
0.5
%Baud
tF
Clock/data fall time
0.5
%Baud
Jitter
±1
%Baud
7.3 Programming
7.3.1 Communication Protocol
Each communication of the SMAART wire protocol consists of 8-bit words, transferred least significant bit (LSB)
first. Each 8-bit word begins with a Start bit that is logic low, and ends with a Stop bit that is logic high. By using
a Start bit and Stop bit for each 8-bit word, the TMP104 can calibrate each word and maintain synchronous
communication throughout the process. The host commences the communication by sending a Start bit followed
by the calibration byte (55h), allowing the TMP104 to sync to the baud rate of the host, followed by the Stop bit.
Then, another Start bit is sent, followed by the command register byte and a Stop bit. Finally, a third Start bit is
sent followed by the data byte, where master sends data if the instruction is a write command, or the TMP104
breaks the chain and sends data if the instruction is a read command. The process finishes with a Stop bit. The
sequence is shown in Table 2 and Figure 7.
Table 2. Communication Format
Start bit
Calibration
Stop bit
Start bit
Command
byte
Stop bit
Start bit
Data
byte
Stop bit
Figure 7. Generic Communication BitStream
The TMP104 has two dedicated pins for communication: TX and RX. Usually, these two pins are connected
internally and the signal on the RX propagates to the TX; that is, the TMP104 works in a transparent mode. The
TMP104 breaks this buffer configuration only when it must send data on the bus or during address assignment
and alert procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com