Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments TMP104 Datasheet HTML 10Page - Texas Instruments TMP104 Datasheet HTML 11Page - Texas Instruments TMP104 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Host
Device
(1)
Device
(2)
Device
(N)
RX
TX
Interface Logic
Interface Logic
Interface Logic
RX
RX
RX
TX
TX
TX
I/O
Control
Interface
RX
TX
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Command
Register
8
TMP104
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
The TMP104 supports unique address assignment and alert interrupt procedures. There are general-call read
and write commands that allow simultaneous reads or writes to all devices in the daisy-chain. The interface has
built-in time-outs (typically 28 ms) that return the interface to a known state if communication is disrupted.
7.3.2 Command Register
Figure 8 shows the internal register structure of the TMP104. Communications between the registers are
transferred through the interface in LSB-first order. The 8-bit Command Register, as shown in Table 3, is used to
determine the type of instruction being addressed. These eight bits could either interpret a global instruction or
an individual instruction, which is determined by the value of P7. When P7 = 0, the command byte interprets an
individual instruction; when P7 = 1, the command byte interprets a global instruction.
Figure 8. Internal Register Structure
Table 3. Command Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
GLB
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
7.3.3 Global Initialization and Address Assignment Sequence
At device power-up, every TMP104 in the daisy-chain is connected in transparent mode, as shown in Figure 9.
The host must send the initialization command (P7-P0 = 10001100) in order for the bus to program its internal
address depending on the number of devices on the bus.
Figure 9. TMP104 Daisy-Chain: Bus Status at Start of Global Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com