Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments TMP104 Datasheet HTML 10Page - Texas Instruments TMP104 Datasheet HTML 11Page - Texas Instruments TMP104 Datasheet HTML 12Page - Texas Instruments TMP104 Datasheet HTML 13Page - Texas Instruments TMP104 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Host
Device
(1)
Device
(2)
Device
(N)
RX
TX
Interface Logic
Interface Logic
Interface Logic
RX
RX
RX
TX
TX
TX
10
TMP104
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7.3.5 Global Clear Interrupt
The host can initiate a global clear interrupt command (P7-P0 = 10101001) to all TMP104s in the daisy-chain.
Upon receiving this command, the TMP104 disables future interrupts (D7 in the Configuration Register is set to
'0'). If a TMP104 has previously broken the bus connection and sent an interrupt (logic low on the bus), it now
stops holding the bus low. The device sends the baud rate calibration command and clear interrupt command to
the next TMP104 in the chain, and then reconnects the bus. In the case of multiple devices having active
interrupts, the clear interrupt command propagates through the daisy-chain, disables all interrupts, and
reconnects the bus across all devices.
7.3.6 Global Software Reset
The host can initiate a global software reset command (P7-P0 = 10110100) to all TMP104s in the daisy-chain.
Upon receiving this command, the TMP104 resets its internal registers except for the device ID, which is not
reset, and reconnects the bus. If the bus is broken before the initiation of this command, all TMP104s before the
broken bus point receive the command. If the host intends to initiate a global software reset across all TMP104s
in the chain, this command must be transmitted multiple times until it echoes back to the host.
7.3.7 Individual Read and Write
The host can initiate an individual read/write command to a particular TMP104 in the daisy-chain by sending the
read/write command. The read/write command consists of these parameters:
•
P7 = 0
•
P6-P3 = the device ID
•
P2-P1 = the data register pointer; see Table 4
•
P0 = indicates read/write control
P0 = 0 indicates an individual write command; the host must transfer one more byte of data for the register
indicated by bits P2-P1. The TMP104 in the daisy-chain that corresponds to the device ID noted by bits P6-P3
then updates the appropriate register. P0 = 1 indicates an individual read command; as shown in Figure 12, the
TMP104 in the daisy-chain that corresponds to the device ID pointed by bits P6-P3 then breaks the bus,
transmits the data from the register pointed by bits P2-P1, and reconnects the bus.
Figure 12. TMP104 Daisy-Chain: Bus Status During Individual Read Operation of Second Device
7.4 Register Maps
7.4.1 Temperature Register
The Temperature Register of the TMP104 is configured as an 8-bit, read-only register that stores the output of
the most recent conversion. A single byte must be read to obtain data, and is described in Table 5. The data
format for temperature is summarized in Table 6. One LSB equals 1°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com