Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP104 Datasheet HTML 2Page - Texas Instruments TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments TMP104 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TX
RX
GND
V+
C
F
0.1 F
³
m
Supply Voltage
6
TMP104
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP104 is a digital output temperature sensor in a wafer chip-scale package (WCSP) that is optimal for
thermal management and thermal profiling. The TMP104 includes a SMAART wire interface that is capable of
communicating in a daisy-chain with up to 16 devices on a single bus. The interface requires two pins from the
host; the first device in the daisy-chain receives data from the host and the last device in the daisy-chain returns
data to the host. In addition, the TMP104 has the capability of executing multiple device access (MDA)
commands that allow multiple TMP104s to respond to a single global bus command. MDA commands reduce
communication time and power in a bus that contains multiple TMP104 devices. The TMP104 is specified over a
temperature range of –40ºC to +125ºC.
The TMP104 also has the capability of configuring the bus in a transparent mode, where the input from the host
is sent directly to the next device in the chain without delay. Additionally, the TMP104 can disconnect the chain
and create a serial communication controlled by each TMP104 on the bus, thereby allowing each device to have
configurable addressing and interrupt capabilities. The input pin, RX, is a high-impedance node. The output pin,
TX, has an internal push-pull output stage that can drive the host to GND or V+.
After an initialization sequence, each device on the bus is programmed with its own interface address that allows
it to respond to its own address and also respond to general commands that permit the user to read or write to all
of the devices on the bus without having to send its individual address and command to each individual device.
The temperature sensor in the TMP104 is the chip itself. Thermal paths run through the package bumps as well
as the package. The lower thermal resistance of metal causes the bumps to provide the primary thermal path. To
maintain accuracy in applications that require air or surface temperature measurement, take care to isolate the
package from ambient air temperature. A thermally-conductive adhesive can help to achieve accurate surface
temperature measurement.
7.2 Feature Description
7.2.1 Timeout Function
A timeout mechanism is implemented on the TMP104 to allow for re-synchronization of the SMAART wire
interface if synchronization between the host and the TMP104 is lost for 28 ms (typical). If the timeout period
expires between the calibration byte and the command byte, or between the command byte and any data byte,
or between any data bytes, the TMP104 resets the SMAART wire interface circuitry so that it expects the baud
rate calibration command to restart. Every time a byte is transmitted on the SMAART wire interface, this timeout
period restarts.
7.2.2 Noise
The TMP104 is a very low-power device and generates very low noise on the supply bus. Applying a bypass
capacitor to the V+ pin of the TMP104 can further reduce any noise the TMP104 might propagate to other
components. CF in Figure 5 should be greater than 0.1 μF.
Figure 5. Noise Reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com