Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP421
Description  ±1°C Remote and Local TEMPERATURE SENSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments TMP421 Datasheet HTML 18Page - Texas Instruments TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
=
heff
1.008
300
´
300
N
ADJUST
-
N
=300
ADJUST
-
300
1.008
´
heff
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
TMP421
TMP422
TMP423
SBOS398C – JULY 2007 – REVISED MAY 2012
www.ti.com
Table 7. Conversion Rate Register
CONVERSION RATE REGISTER (Read/Write = 0Bh, POR = 07h)
AVERAGE IQ (TYP) (μA)
R7
R6
R5
R4
R3
R2
R1
R0
CONVERSIONS/SEC
V+ = 2.7V
V+ = 5.5V
0
0
0
0
0
0
0
0
0.0625
11
32
0
0
0
0
0
0
0
1
0.125
17
38
0
0
0
0
0
0
1
0
0.25
28
49
0
0
0
0
0
0
1
1
0.5
47
69
0
0
0
0
0
1
0
0
1
80
103
0
0
0
0
0
1
0
1
2
128
155
0
0
0
0
0
1
1
0
4(1)
190
220
0
0
0
0
0
1
1
1
8(2)
373
413
(1)
Conversion rate shown is for only one or two enabled measurement channels. When three channels are enabled, the conversion rate is
2 and 2/3 conversions-per-second. When four channels are enabled, the conversion rate is 2 per second.
(2)
Conversion rate shown is for only one enabled measurement channel. When two channels are enabled, the conversion rate is 4
conversions-per-second. When three channels are enabled, the conversion rate is 2 and 2/3 conversions-per-second. When four
channels are enabled, the conversion rate is 2 conversions-per-second.
The value
η in Equation 1 is a characteristic of the
ONE-SHOT CONVERSION
particular transistor used for the remote channel. The
power-on reset value for the TMP421/22/23 is
η =
When the TMP421/22/23 are in shutdown mode
1.008. The value in the
η-Factor Correction Register
(SD = 1 in the Configuration Register 1), a single
may be used to adjust the effective
η-factor according
conversion is started on all enabled channels by
to Equation 2 and Equation 3.
writing any value to the One-Shot Start Register,
pointer address 0Fh. This write operation starts one
conversion; the TMP421/22/23 return to shutdown
mode when that conversion completes. The value of
(2)
the data sent in the write command is irrelevant and
is not stored by the TMP421/22/23. When the
TMP421/22/23 are in shutdown mode, the conversion
sequence currently in process must be completed
(3)
before a one-shot command can be issued. One-shot
The
η-correction value must be stored in two's-
commands issued during a conversion are ignored.
complement format, yielding an effective data range
from –128 to +127. The n-correction value may be
η-FACTOR CORRECTION REGISTER
written to and read from pointer address 21h. The
η-
The TMP421/22/23 allow for a different
η-factor value
correction value for the second remote channel
to
be
used
for
converting
remote
channel
(TMP422 and TMP423) may be written and read from
measurements to temperature. The remote channel
pointer address 22h. The
η-correction value for the
uses
sequential
current
excitation
to
extract
a
third remote channel (TMP423 only) may be written
differential VBE voltage measurement to determine
to and read from pointer address 23h. The register
the temperature of the remote transistor. Equation 1
power-on reset value is 00h, thus having no effect
describes this voltage and temperature.
unless the register is written to.
(1)
16
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com