Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP421
Description  ±1°C Remote and Local TEMPERATURE SENSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0.1 F
m
10kW
(typ)
10kW
(typ)
TMP421
DXP
DXN
V+
8
7
6
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
+5V
SMBus
Controller
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration :
(1)
A1
A0
4
3
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
APPLICATION INFORMATION
The TMP421 is a two-channel digital temperature
For proper remote temperature sensing operation, the
sensor that combines a local die temperature-
TMP421
requires
only
a
transistor
connected
measurement
channel
and
a
remote-junction
between DXP and DXN pins. If the remote channel is
temperature-measurement channel, and is available
not utilized, DXP can be left open or tied to GND.
in SOT23-8 and DSBGA-8 packages. The TMP422
The TMP422 requires transistors connected between
(three-channel),
and
TMP423
(four-channel)
are
DX1 and DX2 and between DX3 and DX4. Unused
digital temperature sensors that combine a local die
channels on the TMP422 must be connected to GND.
temperature measurement channel and two or three
The TMP423 requires a transistor connected to each
remote junction temperature measurement channels,
positive channel (DXP1, DXP2, and DXP3), with the
respectively, in a single SOT23-8 package. These
base of each channel tied to the common negative,
devices
are
two-wire-
and
SMBus
interface-
DXN. For an unused channel, the TMP423 DXP pin
compatible and are specified over a temperature
can be left open or tied to GND.
range of –40°C to +125°C. The TMP421/22/23 each
contain multiple registers for holding configuration
The TMP421/22/23 SCL and SDA interface pins each
information and temperature measurement results.
require pull-up resistors as part of the communication
bus. A 0.1
μF power-supply bypass capacitor is
recommended
for
local
bypassing.
Figure
11,
Figure 12, and Figure 13 show typical configurations
for the TMP421, TMP422, and TMP423, respectively.
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1.5kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 6, Remote Temperature Error vs Differential Capacitance.
Figure 11. TMP421 Basic Connections
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com