Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP421
Description  ±1°C Remote and Local TEMPERATURE SENSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 21Page - Texas Instruments TMP421 Datasheet HTML 22Page - Texas Instruments TMP421 Datasheet HTML 23Page - Texas Instruments TMP421 Datasheet HTML 24Page - Texas Instruments TMP421 Datasheet HTML 25Page - Texas Instruments TMP421 Datasheet HTML 26Page - Texas Instruments TMP421 Datasheet HTML 27Page - Texas Instruments TMP421 Datasheet HTML 28Page - Texas Instruments TMP421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
V+
DXP
DXN
GND
GroundorV+layer
onbottomand/or
top,ifpossible.
1
2
3
4
8
7
6
5
TMP421
0.1mFCapacitor
V+
GND
PCBVia
DXP
DXN
A1
A0
1
2
3
4
8
7
6
5
TMP422
0.1mFCapacitor
V+
GND
PCBVia
DX1
DX2
DX3
DX4
1
2
3
4
8
7
6
5
TMP423
0.1mFCapacitor
V+
GND
PCBVia
DXP1
DXP2
DXP3
DXN
TMP421C
0.1mFCapacitor
V+
GND
PCBVia
DXP
DXN
A1
A0
1
2
8
7
3
4
6
5
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
NOTE: Use minimum 5 mil (0.127mm) traces with 5 mil spacing.
Figure 20. Suggested PCB Layer Cross-Section
Figure 21. Suggested Bypass Capacitor Placement and Trace Shielding
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com