Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP421
Description  ±1°C Remote and Local TEMPERATURE SENSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments TMP421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TMP421
TMP422
TMP423
SBOS398C – JULY 2007 – REVISED MAY 2012
www.ti.com
STATUS REGISTER
shutdown mode. When SD is set to '0' again, the
TMP421/22/23
resume
continuous
conversions.
The
Status
Register
reports
the
state
of
the
When SD = '1', a single conversion can be started by
temperature ADCs. Table 4 summarizes the Status
writing to the One-Shot Register. See the One-Shot
Register bits. The Status Register is read-only, and is
Conversion section for more information.
read by accessing pointer address 08h.
The temperature range is set by configuring the
The BUSY bit = '1' if the ADC is making a conversion;
RANGE bit (bit 2) of the Configuration Register.
it is set to '0' if the ADC is not converting.
Setting this bit low configures the TMP421/22/23 for
the standard measurement range (–40°C to +127°C);
CONFIGURATION REGISTER 1
temperature
conversions
will
be
stored
in
the
standard binary format. Setting bit 2 high configures
Configuration Register 1 (pointer address 09h) sets
the TMP421/22/23 for the extended measurement
the temperature range and controls the shutdown
range (–55°C to +150°C); temperature conversions
mode. The Configuration Register is set by writing to
will be stored in the extended binary format (see
pointer address 09h and read by reading from pointer
Table 1).
address 09h. Table 5 summarizes the bits of
Configuration Register 1.
The remaining bits of the Configuration Register are
reserved and must always be set to '0'. The power-on
The shutdown (SD) bit (bit 6) enables or disables the
reset value for this register is 00h.
temperature measurement circuitry. If SD = '0', the
TMP421/22/23 convert continuously at the rate set in
CONFIGURATION REGISTER 2
the conversion rate register. When SD is set to '1',
the TMP421/22/23 stop converting when the current
Configuration
Register
2
(pointer
address
0Ah)
conversion sequence is complete and enter a
controls which temperature measurement channels
are enabled and whether the external channels have
the resistance correction feature enabled or not.
Table
6
summarizes
the
bits
of
Configuration
Register 2.
Table 4. Status Register Format
STATUS REGISTER (Read = 08h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
0
0
0
0
0
0
0
POR VALUE
0(1)
0
0
0
0
0
0
0
(1)
FOR TMP421/TMP423: The BUSY changes to '1' almost immediately (< 100
μs) following power-up, as the TMP421/TMP423 begin the
first temperature conversion. It is high whenever the TMP421/TMP423 convert a temperature reading.
FOR TMP422: The BUSY bit changes to '1' approximately 1ms following power-up. It is high whenever the TMP422 converts a
temperature reading.
Table 5. Configuration Register 1 Bit Descriptions
CONFIGURATION REGISTER 1 (Read/Write = 09h, POR = 00h)
POWER-ON RESET
BIT
NAME
FUNCTION
VALUE
7
Reserved
—
0
0 = Run
6
SD
0
1 = Shut Down
5, 4, 3
Reserved
—
0
0 = –40°C to +127°C
2
Temperature Range
0
1 = –55°C to +150°C
1, 0
Reserved
—
0
14
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com