Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP421
Description  ±1°C Remote and Local TEMPERATURE SENSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 1 Page - Texas Instruments

  TMP421 Datasheet HTML 1Page - Texas Instruments TMP421 Datasheet HTML 2Page - Texas Instruments TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
+5V
SCL
GND
SDA
V+
SMBus
Controller
8
5
7
6
TMP421
DXP
DXN
A1
A0
1
2
3
4
1ChannelLocal
1ChannelRemote
TMP422
DX1
DX2
DX3
DX4
1
2
3
4
1ChannelLocal
2ChannelsRemote
TMP423
DXP1
DXP2
DXP3
DXN
1
2
3
4
1ChannelLocal
3ChannelsRemote
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
±1°C Remote and Local TEMPERATURE SENSOR
Check for Samples: TMP421, TMP422, TMP423
1
FEATURES
DESCRIPTION
The TMP421, TMP422, and TMP423 are remote
234
•
SOT23-8 and DSBGA (WCSP) PACKAGES
temperature sensor monitors with a built-in local
•
±1°C REMOTE DIODE SENSOR (MAX)
temperature sensor. The remote temperature sensor
•
±1.5°C LOCAL TEMPERATURE SENSOR (MAX)
diode-connected transistors are typically low-cost,
NPN- or PNP-type transistors or diodes that are an
•
SERIES RESISTANCE CANCELLATION
integral part of microcontrollers, microprocessors, or
•
n-FACTOR CORRECTION
FPGAs.
•
TWO-WIRE/ SMBus™ SERIAL INTERFACE
Remote
accuracy
is
±1°C
for
multiple
IC
•
MULTIPLE INTERFACE ADDRESSES
manufacturers, with no calibration needed. The two-
•
DIODE FAULT DETECTION
wire serial interface accepts SMBus write byte, read
byte, send byte, and receive byte commands to
•
RoHS COMPLIANT AND NO Sb/Br
configure the device.
APPLICATIONS
The TMP421, TMP422, and TMP423 include series
resistance cancellation, programmable non-ideality
•
PROCESSOR/FPGA TEMPERATURE
factor, wide remote temperature measurement range
MONITORING
(up to +150°C), and diode fault detection.
•
LCD/ DLP®/LCOS PROJECTORS
The TMP421, TMP422, and TMP423 are all available
•
SERVERS
in a SOT23-8 package. The TMP421C is also
•
CENTRAL OFFICE TELECOM EQUIPMENT
available in a DSBGA (WCSP) package.
•
STORAGE AREA NETWORKS (SAN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP421

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP421 TI2-TMP421 Datasheet
732Kb / 38P
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
NOVEMBER 2016
More results

Similar Description - TMP421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com