Electronic Components Datasheet Search
  English  ▼

X  

IP175CH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP175CH
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP175CH Datasheet HTML 1Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
2/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Table Of Contents
Features................................................................................................................................................... 1
General Description................................................................................................................................. 1
Table Of Contents .................................................................................................................................... 2
Revision History....................................................................................................................................... 4
Comparison Table of IP175A & IP175C/IP175CH................................................................................... 6
Pin diagram (IP175C) .............................................................................................................................. 7
Pin diagram (IP175CH) ........................................................................................................................... 8
1
Pin description................................................................................................................................12
2
Functional Description.................................................................................................................... 34
2.1
Flow control........................................................................................................................ 34
2.2
Broadcast storm protection ................................................................................................ 34
2.3
Port locking (Port security)................................................................................................. 34
2.4
Port base VLAN ................................................................................................................. 34
2.5
Tag VLAN / Tag and un-tag function .................................................................................. 35
2.5.1
Tag and un-tag function ........................................................................................ 35
2.5.2
Tag VLAN .............................................................................................................. 35
2.5.3
Tag/ un-tag function and Tag VLAN function in a router application..................... 35
2.6
MII/RMII.............................................................................................................................. 36
2.7
SMART MAC...................................................................................................................... 42
2.7.1
System configuration ............................................................................................ 42
2.7.2
Packet from LAN to WAN ..................................................................................... 44
2.7.3
Packet from WAN to LAN ..................................................................................... 44
2.8
Built in regulator ................................................................................................................. 45
2.9
CoS .................................................................................................................................... 46
2.9.1
Port base priority................................................................................................... 46
2.9.2
Frame base priority ............................................................................................... 46
2.10
Spanning tree ..................................................................................................................... 48
2.10.1
Port states ............................................................................................................. 48
2.11
Special tag.......................................................................................................................... 49
2.11.1
From CPU to switch .............................................................................................. 49
2.11.2
From switch to CPU .............................................................................................. 49
U
2.12
Static MAC address table................................................................................................... 50
2.13
Serial mode LED ................................................................................................................ 51
2.14
LED Blink Timing................................................................................................................ 53
2.15
Serial management interface ............................................................................................. 54
2.16
Force mode of PHY ........................................................................................................... 56
2.17
Reset.................................................................................................................................. 56
2.18
Bandwidth control............................................................................................................... 56
2.19
Fiber mode of port 4 (for IP175CH only)............................................................................ 56
2.20
MII registers of PHY........................................................................................................... 58
2.21
MII registers of Switch controller........................................................................................ 66
3
Electrical Characteristics .............................................................................................................. 101
3.1
Absolute Maximum Rating ............................................................................................... 101
3.2
DC Characteristic ............................................................................................................. 101
3.3
AC Timing......................................................................................................................... 102
3.3.1
Reset Timing ....................................................................................................... 102
3.3.2
PHY Mode MII Timing ......................................................................................... 102
3.3.3
MAC Mode MII Timing ........................................................................................ 104
3.3.4
RMII Timing ......................................................................................................... 105
3.3.5
SNI Timing .......................................................................................................... 106
3.3.6
SMI Timing .......................................................................................................... 107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com