Electronic Components Datasheet Search
  English  ▼

X  

IP175CH Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # IP175CH
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CH Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button IP175CH Datasheet HTML 77Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 78Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 79Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 81Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
81/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Tag VLAN register 2
PHY
MII
ROM
R/W
Description
Default
TAG_VLAN_MASK_0[5:0].
Tag VLAN 0 output port mask
The mask is valid only if MII register 9.7 TAG_VLAN_EN is
logic high and VID index is 4’b0000.
When IP175C/IP175CH receives a packet, it examines the VID
index to choose a tag VLAN mask and forwards the packets
according MAC address table and the mask.
Bit0
1: port 0 belongs to VLAN 0
0: port 0 doesn’t belong to VLAN 0
Bit1
1: port 1 belongs to VLAN 0
0: port 1 doesn’t belong to VLAN 0
Bit2
1: port 2 belongs to VLAN 0
0: port 2 doesn’t belong to VLAN 0
Bit3
1: port 3 belongs to VLAN 0
0: port 3 doesn’t belong to VLAN 0
Bit4
1: port 4 belongs to VLAN 0
0: port 4 doesn’t belong to VLAN 0
30
1[5:0]
39[5:0]
R/W
Bit5
1: port 5 belongs to VLAN 0
0: port 5 doesn’t belong to VLAN 0
6’h3f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com