Electronic Components Datasheet Search
  English  ▼

X  

IP175CH Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # IP175CH
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CH Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button IP175CH Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 96Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 97Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 98Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
95/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
BW_CONTROL_P5_TX[2:0]
[2:0]
BW, bps
64-byte
,bytes
1518-byte
,bytes
random
length
,bytes
000
Full rate
Full rate
Full rate
Full rate
001
128 Kbps
13,459
79,806
48,769
010
256 Kbps
30,281
79,807
52,955
011
512 Kbps
57,201
79,803
87,182
100
1 Mbps
111,051
159,606
148,281
101
2 Mbps
225,400
319,249
273,923
110
4 Mbps
447,478
558,556
508,248
31
2[14:12] 95[6:4] R/W
111
8 Mbps
898,330
1,037,449
1,009,446
000
BW_CONTROL_P5_RX[2:0]
[2:0]
BW, bps
64-byte
,bytes
1518-byte
,bytes
random
length
,bytes
000
Full rate
Full rate
Full rate
Full rate
001
128Kbps
20,187
159,622
92,156
010
256Kbps
37,009
159,621
100,183
011
512Kbps
63,994
159,610
131,723
100
1 Mbps
117,431
239,414
192,672
101
2 Mbps
231,780
399,013
314,536
110
4 Mbps
454,295
638,412
561,996
31
2[10:8]
95[2:0] R/W
111
8 Mbps
905,064
1,117,149
1,062,681
000
31
2[6:4]
94[6:4] R/W BW_CONTROL_P4_TX[2:0]
000
31
2[2:0]
94[2:0] R/W BW_CONTROL_P4_RX[2:0]
000
31
1[14:12] 93[6:4] R/W BW_CONTROL_P3_TX[2:0]
000
31
1[10:8]
93[2:0] R/W BW_CONTROL_P3_RX[2:0]
000
31
1[6:4]
92[6:4] R/W BW_CONTROL_P2_TX[2:0]
000
31
1[2:0]
92[2:0] R/W BW_CONTROL_P2_RX[2:0]
000
31
0[14:12] 91[6:4] R/W BW_CONTROL_P1_TX[2:0]
000
31
0[10:8]
91[2:0] R/W BW_CONTROL_P1_RX[2:0]
000
31
0[6:4]
90[6:4] R/W BW_CONTROL_P0_TX[2:0]
000
31
0[2:0]
90[2:0] R/W BW_CONTROL_P0_RX[2:0]
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com