Electronic Components Datasheet Search
  English  ▼

X  

IP175CH Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP175CH
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CH Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP175CH Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
49/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
2.11
Special tag
IP175C/IP175CH supports special tag function to exchange switching information with CPU without
involving VLAN tag information. The special tag function is enabled by programming MII register 30.16.7
STAG_EN.
2.11.1
From CPU to switch
When special tag function is enabled, IP175C/IP175CH forwards packets from MII0 (CPU) by checking
special tag added by CPU. The tag definition is shown in the following table. IP175C/IP175CH will
remove the special tag 81XX and re-calculate CRC when it forwards the packet to a un-tag field.
IP175C/IP175CH will update the special tag to 8100 and re-calculate CRC when it forwards the packet to
a tag field.
Preamble
SFD
DA
SA
81XX(special tag)
Data
CRC
Special tag 81XX
Bit[15:12]
bit[11:8]
bit[7:5]
bit[4:0]
8
1
3’b0
00001: instruct 175C forwards the packet to port 0
00010: instruct 175C forwards the packet to port 1
00100: instruct 175C forwards the packet to port 2
01000: instruct 175C forwards the packet to port 3
10000: instruct 175C forwards the packet to port 4
2.11.2
From switch to CPU
When special tag function is enabled, IP175C/IP175CH sends packets to MII0 (CPU) with source port
information by adding special tag to the frame. IP175C/IP175CH will add the special tag 81XX and
re-calculate CRC when it receives the packet from a un-tag field. IP175C/IP175CH will update the tag
8100 to 81XX and re-calculate CRC when it receives the packet from a tag field. The tag definition is
shown in the following table.
Special tag 81XX
Bit[15:12]
bit[11:8]
bit[7:5]
bit[4:0]
8
1
3’b0
00001: the source port of the packet is port 0
00010: the source port of the packet is port 1
00100: the source port of the packet is port 2
01000: the source port of the packet is port 3
10000: the source port of the packet is port 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com