Electronic Components Datasheet Search
  English  ▼

X  

IP175CH Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # IP175CH
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CH Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button IP175CH Datasheet HTML 82Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 83Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 84Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
86/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Switch control register 3
PHY
MII
ROM
R/W
Description
Default
11[15:14] 59[7:6]
R/W BF_STM_THR_SEL[1:0].
Broadcast storm threshold selection
00: 159 packets/10ms for 100Mbps port, or 159 packets/100ms
for 10Mbps port,
01: 127 packets/10ms for 100Mbps port, or 127 packets/100ms
for 10Mbps port,
10: 63 packets/10ms for 100Mbps port, or 63 packets/100ms
for 10Mbps port,
11: 31 packets/10ms for 100Mbps port, or 31 packets/100ms
for 10Mbps port,
2’b00
11[13:12] 59[5:4]
R/W The default value should be adopted for normal operation.
2’b00
11[11:10] 59[3:2]
R/W The default value should be adopted for normal operation.
2’b00
11[9:8]
59[1:0]
R/W UNIT_LOW_THR_SEL[1:0]
The default value should be adopted for normal operation.
2’b00
11[7:6]
58[7:6]
R/W UNIT_HIGH_THR_SEL[1;0].
The default value should be adopted for normal operation.
2’b00
11.5
58.5
R/W BF_STM_EN_QM
The default value should be adopted for normal operation.
1’b0
11.4
58.4
R/W PREDROP_EN
1: Drop an incoming broadcast packet if any port is congested.
0: forward an incoming broadcast packet to un-congested ports
instead of congested ports.
1’b0
11[3:2]
58[3:2]
R/W PKT_LOW_THR_SEL[1:0].
The default value should be adopted for normal operation.
2’b00
30
11[1:0]
58[1:0]
R/W PKT_HIGH_THR_SEL[1:0].
The default value should be adopted for normal operation.
2’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com