Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MULTIPLEXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2113 Datasheet HTML 1Page - Texas Instruments TPS2113 Datasheet HTML 2Page - Texas Instruments TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
FEATURE
TPS2110
TPS2111
TPS2112
TPS2113
TPS2114
TPS2115
Current limit adjustment range
0.31-0.75A
0.63-1.25A
0.31-0.75A
0.63-1.25A
0.31-0.75A
0.63-1.25A
Manual
Yes
Yes
No
No
Yes
Yes
Switching modes
Automatic
Yes
Yes
Yes
Yes
Yes
Yes
Switch status output
No
No
Yes
Yes
Yes
Yes
Package
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
ORDERING INFORMATION
TA
PACKAGE
ORDERING NUMBER(1)
MARKINGS
TPS2114PW
2114
-40
°C to 85°C
TSSOP-8 (PW)
TPS2115PW
2115
(1)
The PW package is available taped and reeled. Add an R suffix to the device type (e.g., TPS2114PWR) to indicate tape and reel.
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
TSSOP-8 (PW)
3.87 mW/
°C
386.84 mW
212.76 mW
154.73 mW
over operating free-air temperature range unless otherwise noted(1)
TPS2114, TPS2115
VI
Input voltage range
IN1, IN2, D0, D1, ILIM(2)
-0.3 V to 6 V
VO
Output voltage range(2)
OUT, STAT
-0.3 V to 6 V
IO
Output sink current
STAT
5 mA
TPS2114
0.9 A
IO
Continuous output current
TPS2115
1.5 A
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
-40
°C to 125°C
Tstg
Storage temperature range
-65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com