Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MULTIPLEXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments TPS2113 Datasheet HTML 10Page - Texas Instruments TPS2113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Q2 is ON
1
STAT
Control
Logic
D1
D0
UVLO (IN1)
UVLO (IN2)
UVLO (VDD)
Q2 is ON
Q1 is ON
_
+
_
+
+
0.6 V
EN2
EN1
Cross-Conduction
Detector
_
+
Q2
Q1
Charge
Pump
0.5 V
TPS2114: k = 0.2%
TPS2115: k = 0.1%
k* IO(OUT)
_
+
VO(OUT) > VI(INx)
+
100 mV
_
+
IO(OUT)
Vf = 0 V
EN1
IN2
IN1
7
4
OUT
ILIM
Internal VDD
Vf = 0 V
VDD
ULVO
Thermal
Sense
1
µA
IN2
ULVO
1
µA
IN1
ULVO
8
6
2
3
5
IN1
IN2
D0
D1
GND
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
D0
2
I
TTL and CMOS compatible input pins. Each pin has a 1-µA pullup resistor. The truth table shown above illustrates
the functionality of D0 and D1.
D1
3
I
GND
5
I
Ground
IN1
8
I
Primary power switch input. The IN1 switch can be enabled only if the IN1 supply is above the UVLO threshold and
at least one supply exceeds the internal VDD UVLO.
IN2
6
I
Secondary power switch input. The IN2 switch can be enabled only if the IN2 supply is above the UVLO threshold
and at least one supply exceeds the internal VDD UVLO.
ILIM
4
I
A resistor R(ILIM) from ILIM to GND sets the current limit IL to 250/R(ILIM) and 500/R(ILIM) for the TPS2114 and
TPS2115, respectively.
OUT
7
O
Power switch output
STAT
1
O
STAT is an open-drain output that is Hi-Z if the IN2 switch is ON. STAT pulls low if the IN1 switch is ON or if OUT is
Hi-Z (i.e., EN is equal to logic 0).
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com