Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MULTIPLEXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2113 Datasheet HTML 1Page - Texas Instruments TPS2113 Datasheet HTML 2Page - Texas Instruments TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
TPS2115
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
UNDERVOLTAGE LOCKOUT
Falling edge
1.15
1.25
IN1 and IN2 UVLO
V
Rising edge
1.30
1.35
IN1 and IN2 UVLO hysteresis(2)
30
57
65
mV
Falling edge
24
2.53
Internal VDD UVLO (the higher of IN1 and IN2)
V
Rising edge
2.58
2.8
Internal VDD UVLO hysteresis
(2)
30
50
75
mV
UVLO deglitch for IN1, IN2(2)
Falling edge
110
µs
REVERSE CONDUCTION BLOCKING
D0 = D1 = high, VI(INx) = 3.3 V. Connect OUT to a 5
Minimum output-to-input voltage
V supply through a series 1-k
Ω resistor. Let
∆V
O(I_block)
80
100
120
mV
difference to block switching
D0 = low. Slowly decrease the supply voltage until
OUT connects to IN1.
THERMAL SHUTDOWN
Thermal shutdown threshold(2)
TPS211x is in current limit.
135
Recovery from thermal shutdown(2)
TPS211x is in current limit.
125
°C
Hysteresis(2)
10
IN2-IN1 COMPARATORS
Hysteresis of IN2-IN1 comparator
0.1
0.2
V
Deglitch of IN2-IN1 comparator, (both
↑↓ )(2)
90
150
220
µs
STAT OUTPUT
Leakage current
VO(STAT) = 5.5 V
0.01
1
µA
Saturation voltage
II(STAT) = 2 mA, IN1 switch is on
0.13
0.4
V
Deglitch time (falling edge only)
150
µs
(2)
Not tested in production.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com