Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MULTIPLEXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2113 Datasheet HTML 1Page - Texas Instruments TPS2113 Datasheet HTML 2Page - Texas Instruments TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
over operating free-air temperature range (unless otherwise noted)
TPS2115
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
LOGIC INPUTS (D0 AND D1)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.7
V
D0 or D1 = High, sink current
1
Input current at D0 or D1
µA
D0 or D1 = Low, source current
0.5
1.4
5
SUPPLY AND LEAKAGE CURRENTS
D1 = High, D0 = Low (IN1 active), VI(IN1) = 5.5 V,
55
90
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D1 = High, D0 = Low (IN1 active), VI(IN1) = 3.3 V,
1
12
VI(IN2) = 5.5 V, IO(OUT) = 0 A
Supply current from IN1 (operating)
µA
D0 = D1 = Low (IN2 active), VI(IN1) = 5.5 V,
75
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D0 = D1 = Low (IN2 active), VI(IN1) = 3.3 V,
1
VI(IN2) = 5.5 V, IO(OUT) = 0 A
D1 = High, D0 = Low (IN1 active), VI(IN1) = 5.5 V,
1
VI(IN2) = 3.3 V, IO(OUT) = 0 A
D1 = High, D0 = Low (IN1 active), VI(IN1) = 3.3 V,
75
VI(IN2) = 5.5 V, IO(OUT) = 0 A
Supply current from IN2 (operating)
µA
D0 = D1 = Low (IN2 active), VI(IN1) = 5.5 V,
1
12
VI(IN2)= 3.3 V, IO(OUT) = 0 A
D0 = D1 = Low (IN2 active), VI(IN1) = 3.3 V,
55
90
VI(IN2) = 5.5 V, IO(OUT) = 0 A
D0 = D1 = High (inactive), VI(IN1) = 5.5 V,
0.5
2
VI(IN2) = 3.3 V, IO(OUT) = 0 A
Quiescent current from IN1 (STANDBY)
µA
D0 = D1 = High (inactive), VI(IN1) = 3.3 V,
1
VI(IN2) = 5.5 V, IO(OUT) = 0 A
D0 = D1 = High (inactive), VI(IN1) = 5.5 V,
1
VI(IN2) = 3.3 V, IO(OUT) = 0 A
Quiescent current from IN2 (STANDBY)
µA
D0 = D1 = High (inactive), VI(IN1) = 3.3 V,
0.5
2
VI(IN2) = 5.5 V, IO(OUT) = 0 A
Forward leakage current from IN1
D0 = D1 = High (inactive), VI(IN1) = 5.5 V, IN2 open,
0.1
5
µA
(measured from OUT to GND)
VO(OUT) = 0 V (shorted), TJ = 25°C
Forward leakage current from IN2
D0 = D1= High (inactive), VI(IN2) = 5.5 V, IN1 open,
0.1
5
µA
(measured from OUT to GND)
VO(OUT)= 0 V (shorted), TJ = 25°C
Reverse leakage current to INx
D0 = D1 = High (inactive), VI(INx) = 0 V,
0.3
5
µA
(measured from INx to GND)
VO(OUT) = 5.5 V, TJ = 25°C
CURRENT LIMIT CIRCUIT
R(ILIM) = 400 Ω
0.51
0.63
0.80
TPS2114
R(ILIM) = 700 Ω
0.30
0.36
0.50
Current limit
A
accuracy
R(ILIM) = 400 Ω
0.95
1.25
1.56
TPS2115
R(ILIM) = 700 Ω
0.47
0.71
0.99
Time for short-circuit output current to settle within
td
Current limit settling time(1)
1
ms
10% of its steady state value.
Input current at ILIM
VI(ILIM) = 0 V, IO(OUT) = 0 A
-15
0
µA
(1)
Not tested in production.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com