Electronic Components Datasheet Search
  English  ▼

X  

TPS2113 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2113
Description  AUTOSWITCHING POWER MULTIPLEXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2113 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2113 Datasheet HTML 1Page - Texas Instruments TPS2113 Datasheet HTML 2Page - Texas Instruments TPS2113 Datasheet HTML 3Page - Texas Instruments TPS2113 Datasheet HTML 4Page - Texas Instruments TPS2113 Datasheet HTML 5Page - Texas Instruments TPS2113 Datasheet HTML 6Page - Texas Instruments TPS2113 Datasheet HTML 7Page - Texas Instruments TPS2113 Datasheet HTML 8Page - Texas Instruments TPS2113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
ELECTRICAL CHARACTERISTICS
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
MIN
MAX
UNIT
VI(IN2) ≥ 2.8 V
1.5
5.5
VI
Input voltage at IN1
V
VI(IN2) < 2.8 V
2.8
5.5
VI(IN1) ≥ 2.8 V
1.5
5.5
VI
Input voltage at IN2
V
VI(IN1) < 2.8 V
2.8
5.5
VI
Input voltage at D0, D1
0
5.5
V
TPS2114
0.31
0.75
IO(OUT)
Current limit adjustment range
A
TPS2115
0.63
1.25
TJ
Operating virtual junction temperature
-40
125
°C
MIN
MAX
UNIT
Human body model
2
kV
CDM
500
V
over recommended operating junction temperature range, V
I(IN1) = VI(IN2) = 5.5 V, R(ILIM) = 400 Ω (unless otherwise noted)
TPS2114
TPS2115
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP MAX
POWER SWITCH
VI(IN1) = VI(IN2) = 5.0 V
120
140
84
110
TJ = 25°C,
VI(IN1) = VI(IN2) = 3.3 V
120
140
84
110
m
Ω
IL= 500 mA
VI(IN1) = VI(IN2) = 2.8 V
120
140
84
110
Drain-source on-state
rDS(on)
(1)
resistance (INx-OUT)
VI(IN1) = VI(IN2) = 5.0 V
220
150
TJ = 125°C,
VI(IN1) = VI(IN2) = 3.3 V
220
150
m
Ω
IL= 500 mA
VI(IN1) = VI(IN2) = 2.8 V
220
150
(1)
The TPS211x can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this specific
case, the lower supply voltge has no effect on the IN1 and IN2 switch on-resistances.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com