Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8347
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 5 Page - Analog Devices

  AD8347 Datasheet HTML 1Page - Analog Devices AD8347 Datasheet HTML 2Page - Analog Devices AD8347 Datasheet HTML 3Page - Analog Devices AD8347 Datasheet HTML 4Page - Analog Devices AD8347 Datasheet HTML 5Page - Analog Devices AD8347 Datasheet HTML 6Page - Analog Devices AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADL5375
Rev. 0 | Page 5 of 32
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
LO = 2600 MHz
Output Power, POUT
VIQ = 1 V p-p differential
1.18
0.78
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−2.8
−3.2
dB
Output P1dB
10.3
10.6
dBm
Output Return Loss
−15.1
−14.5
dB
Carrier Feedthrough
−41.0
−42.3
dBm
Sideband Suppression
−44.3
−45.6
dBc
Quadrature Error
−0.72
−0.60
Degrees
I/Q Amplitude Balance
−0.04
−0.07
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−57
−55
dBc
ADL5375-05
POUT = 1.18 dBm
ADL5375-15
POUT = 0.78 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−52
−52
dBc
ADL5375-05
POUT = 1.18 dBm
ADL5375-15
POUT = 0.78 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
49.0
48.5
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
21.8
19.4
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−159.0
−157.6
dBm/Hz
LO = 3500 MHz
Output Power, POUT
VIQ = 1 V p-p differential
1.71
1.14
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−2.3
−2.8
dB
Output P1dB
10.4
10.1
dBm
Output Return Loss
−21.6
−20.4
dB
Carrier Feedthrough
−30.5
−29.0
dBm
Sideband Suppression
−49.3
−44.9
dBc
Quadrature Error
−0.20
−0.54
Degrees
I/Q Amplitude Balance
−0.07
−0.08
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−54
−61
dBc
ADL5375-05
POUT = 1.71 dBm
ADL5375-15
POUT = 1.14 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−53
−51
dBc
ADL5375-05
POUT = 1.71 dBm
ADL5375-15
POUT = 1.14 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
50.0
57.9
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
23.8
19.5
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−157.6
−156.3
dBm/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com