Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8347
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8347 Datasheet HTML 16Page - Analog Devices AD8347 Datasheet HTML 17Page - Analog Devices AD8347 Datasheet HTML 18Page - Analog Devices AD8347 Datasheet HTML 19Page - Analog Devices AD8347 Datasheet HTML 20Page - Analog Devices AD8347 Datasheet HTML 21Page - Analog Devices AD8347 Datasheet HTML 22Page - Analog Devices AD8347 Datasheet HTML 23Page - Analog Devices AD8347 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADL5375
Rev. 0 | Page 20 of 32
BASIC CONNECTIONS
VPS1
RFOUT
COMM
NC
COMM
NC
NC
DSOP
VPOS
B
A
LOIP
COMM
LOIN
COMM
1
2
3
4
5
6
18
17
16
15
14
13
C1
1000pF
C6
1000pF
C5
0.1µF
C3
1000pF
VPOS
RFOUT
EXPOSED PADDLE
Z1
ADL5375
GND
C2
1000pF
C4
0.1µF
QBBN
QBBP
LOIP
C7
1000pF
IBBN
IBBP
VPOS
S1
Figure 54. Basic Connections for the ADL5375
Figure 54 shows the basic connections for the ADL5375.
POWER SUPPLY AND GROUNDING
Pin VPS1 and Pin VPS2 should be connected to the same 5 V
source. Each pin should be decoupled with a 100 pF and
0.1 μF capacitor. These capacitors should be located as close
as possible to the device. The power supply can range between
4.75 V and 5.25 V.
The ten COMM pins should be tied to the same ground plane
through low impedance paths.
The exposed paddle on the underside of the package should also
be soldered to a ground plane with low thermal and electrical
impedance. If the ground plane spans multiple layers on the
circuit board, they should be stitched together with nine vias
under the exposed paddle as illustrated in the Evaluation Board
section. The AN-772 application note discusses the thermal and
electrical grounding of the LFCSP (QFN) package in detail.
BASEBAND INPUTS
The baseband inputs (IBBP, IBBN, QBBP, and QBBN) should be
driven from a differential source. The nominal drive level used
in the characterization of the ADL5375 is 1 V p-p differential
(or 500 mV p-p on each pin).
All the baseband inputs must be externally dc biased. The
recommended common-mode level is dependent on the
version of the ADL5375.
•
ADL5375-05: 500 mV
•
ADL5375-15: 1500 mV
LO INPUT
The LO input is designed to be driven from a single-ended
source. The LO source is ac-coupled through a series capacitor
to the LOIP pin while the LOIN pin is ac-coupled to ground
through a second capacitor.
The typical LO drive level, which was used for the
characterization of the ADL5375, is 0 dBm.
Differential operation is also possible, in which case both sides
of the differential LO source should be ac-coupled through a
pair of series capacitors to the LOIP and LOIN pins.
RF OUTPUT
The RF output is available at the RFOUT pin (Pin 16), which can
drive a 50 Ω load. The internal balun provides a low dc path to
ground. In most situations, the RFOUT pin must be ac-coupled
to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com