Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8347
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8347 Datasheet HTML 10Page - Analog Devices AD8347 Datasheet HTML 11Page - Analog Devices AD8347 Datasheet HTML 12Page - Analog Devices AD8347 Datasheet HTML 13Page - Analog Devices AD8347 Datasheet HTML 14Page - Analog Devices AD8347 Datasheet HTML 15Page - Analog Devices AD8347 Datasheet HTML 16Page - Analog Devices AD8347 Datasheet HTML 17Page - Analog Devices AD8347 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADL5375
Rev. 0 | Page 14 of 32
ADL5375-15
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended drive; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a
1500 mV dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 28. Single-Sideband (SSB) Output Power (POUT) vs. LO Frequency (fLO)
and Temperature
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
VS = 4.75V
VS = 5.0V
VS = 5.25V
Figure 29. Single-Sideband (SSB) Output Power (POUT) vs. LO Frequency
(fLO) and Supply
0
2
4
6
8
10
12
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 30. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Temperature
0
2
4
6
8
10
12
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
VS = 5.25V
VS = 5.0V
VS = 4.75V
Figure 31. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Supply
0
180
30
330
60
90
270
300
120
240
150
210
S11 OF LO
S22 OF OUTPUT
450M
6G
6G
450M
Figure 32. Smith Chart of LOIP (LOIN AC-Coupled to Ground) S11 and RFOUT
S22 from 450 MHz to 6000 MHz
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
FREQUENCY (GHz)
LOIP
RFOUT
Figure 33. Return Loss of LOIP (LOIN AC-Coupled to Ground) S11 and RFOUT
S22 from 450 MHz to 6000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com