Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8347
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8347 Datasheet HTML 19Page - Analog Devices AD8347 Datasheet HTML 20Page - Analog Devices AD8347 Datasheet HTML 21Page - Analog Devices AD8347 Datasheet HTML 22Page - Analog Devices AD8347 Datasheet HTML 23Page - Analog Devices AD8347 Datasheet HTML 24Page - Analog Devices AD8347 Datasheet HTML 25Page - Analog Devices AD8347 Datasheet HTML 26Page - Analog Devices AD8347 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADL5375
Rev. 0 | Page 23 of 32
APPLICATIONS INFORMATION
DAC MODULATOR INTERFACING
Driving the ADL5375-05 with a TXDAC®
The ADL5375-05 is designed to interface with minimal
components to members of the Analog Devices, Inc. TxDAC
families. These dual-channel differential current output DACs
feature an output current swing from 0 mA to 20 mA. The
interface described in this section can be used with any DAC
that has a similar output.
An example of an interface using the AD9779 TxDAC is shown
in Figure 57. The baseband inputs of the ADL5375-05 require
a dc bias of 500 mV. The average output current on each of the
outputs of the AD9779 is 10 mA. Therefore, a single 50 Ω resis-
tor to ground from each of the DAC outputs results in an average
current of 10 mA flowing through each of the resistors, thus
producing the desired 500 mV dc bias for the inputs to the
ADL5375-05.
RBIP
50Ω
RBIN
50Ω
93
92
OUT1_N
OUT1_P
IBBN
IBBP
AD9779
ADL5375-05
RBQN
50Ω
RBQP
50Ω
84
83
OUT2_P
OUT2_N
QBBP
QBBN
21
22
9
10
Figure 57. Interface Between the AD9779 and ADL5375-05 with 50 Ω
Resistors to Ground to Establish the 500 mV DC Bias for the ADL5375-05
Baseband Inputs
The AD9779 output currents have a swing that ranges from 0 mA
to 20 mA. With the 50 Ω resistors in place, the ac voltage swing
going into the ADL5375-05 baseband inputs ranges from 0 V to
1 V. A full-scale sine wave out of the AD9779 can be described
as a 1 V p-p single-ended (or 2 V p-p differential) sine wave
with a 500 mV dc bias.
Limiting the AC Swing
There are situations in which it is desirable to reduce the ac
voltage swing for a given DAC output current. This can be
achieved through the addition of another resistor to the interface.
This resistor is placed in the shunt between each side of the
differential pair, as shown in Figure 58. It has the effect of
reducing the ac swing without changing the dc bias already
established by the 50 Ω resistors.
RBIP
50Ω
RBIN
50Ω
93
92
21
22
IBBN
IBBP
AD9779
ADL5375-05
RBQN
50Ω
RBQP
50Ω
84
83
9
10
RSLI
100Ω
RSLQ
100Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
Figure 58. AC Voltage Swing Reduction Through the Introduction
of a Shunt Resistor Between Differential Pair
The value of this ac voltage swing limiting resistor is chosen
based on the desired ac voltage swing. Figure 59 shows the
relationship between the swing-limiting resistor and the peak-
to-peak ac swing that it produces when 50 Ω bias-setting
resistors are used.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
10000
RL (Ω)
Figure 59. Relationship Between the AC Swing-Limiting Resistor and the
Peak-to-Peak Voltage Swing with 50 Ω Bias-Setting Resistors
Filtering
It is necessary to place an antialiasing filter between the DAC
and modulator to filter out Nyquist images and broadband
DAC noise. The interface for setting up the biasing and ac
swing discussed in the Limiting the AC Swing section lends
itself well to the introduction of such a filter. The filter can be
inserted between the dc bias setting resistors and the ac swing-
limiting resistor. Doing so establishes the input and output
impedances for the filter.
Figure 60 shows a third-order, Bessel low-pass filter with a 3 dB
frequency of 10 MHz. Matching input and output impedances
make the filter design easier, so the shunt resistor chosen is
100 Ω, producing an ac swing of 1 V p-p differential. The
frequency response of this filter is shown in Figure 61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com