Electronic Components Datasheet Search
  English  ▼

X  

AD8347 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8347
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8347 Datasheet(HTML) 1 Page - Analog Devices

  AD8347 Datasheet HTML 1Page - Analog Devices AD8347 Datasheet HTML 2Page - Analog Devices AD8347 Datasheet HTML 3Page - Analog Devices AD8347 Datasheet HTML 4Page - Analog Devices AD8347 Datasheet HTML 5Page - Analog Devices AD8347 Datasheet HTML 6Page - Analog Devices AD8347 Datasheet HTML 7Page - Analog Devices AD8347 Datasheet HTML 8Page - Analog Devices AD8347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
400 MHz to 6 GHz
Broadband Quadrature Modulator
ADL5375
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Output frequency range: 400 MHz to 6 GHz
1 dB output compression: ≥9.4 dBm from 450 MHz to 4 GHz
Output return loss ≤ 14 dB from 450 MHz to 5.5 GHz
Noise floor: −160 dBm/Hz @ 900 MHz
Sideband suppression: <−50 dBc @ 900 MHz
Carrier feedthrough: <−46 dBm @ 900
MHz
Baseband input bias level
ADL5375-05: 500 mV
ADL5375-15: 1500 mV
Single supply: 4.75 V to 5.25 V
24-lead LFCSP_VQ package
APPLICATIONS
Cellular communication systems
GSM/EDGE, CDMA2000, W-CDMA, TD-SCDMA
WiMAX/broadband wireless access systems
Satellite modems
FUNCTIONAL BLOCK DIAGRAM
IBBP
IBBN
LOIP
LOIN
QBBN
QBBP
RFOUT
DSOP
QUADRATURE
PHASE
SPLITTER
ADL5375
Figure 1.
GENERAL DESCRIPTION
The ADL5375 is a broadband quadrature modulator designed for
operation from 400 MHz to 6 GHz. Its excellent phase accuracy
and amplitude balance enable high performance intermediate
frequency or direct radio frequency modulation for commu-
nication systems.
The ADL5375 features a broad baseband bandwidth, along
with an output gain flatness that varies no more than 1 dB
from 450 MHz to 3.8 GHz. These features, coupled with a broad-
band output return loss of ≤−14 dB, make the ADL5375 ideally
suited for broadband zero IF or low IF-to-RF applications,
broadband digital predistortion transmitters, and multiband
radio designs.
The ADL5375 accepts two differential baseband inputs and
a single-ended LO. It generates a single-ended 50 Ω output.
The two versions offer input baseband bias levels of 500 mV
(ADL5375-05) and 1500 mV (ADL5375-15).
The ADL5375 is fabricated using an advanced silicon-germanium
bipolar process. It is available in a 24-lead, exposed paddle, Pb-free,
LFCSP_VQ package. Performance is specified over a −40°C to
+85°C temperature range. A Pb-free evaluation board is also
available.


Similar Part No. - AD8347

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8347 AD-AD8347 Datasheet
750Kb / 20P
0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV.0
AD8347 AD-AD8347 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8347-EVAL AD-AD8347-EVAL Datasheet
750Kb / 20P
0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV.0
AD8347-EVAL AD-AD8347-EVAL Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
AD8347ARU AD-AD8347ARU Datasheet
750Kb / 20P
0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV.0
More results

Similar Description - AD8347

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
50-MHz TO 6-GHz QUADRATURE MODULATOR
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
300-MHz to 4-GHz Quadrature Modulator
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
50-MHz to 6-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com