Electronic Components Datasheet Search
  English  ▼

X  

AFE5803ZCF Datasheet(PDF) 40 Page - Texas Instruments

Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803ZCF Datasheet(HTML) 40 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 36Page - Texas Instruments AFE5803ZCF Datasheet HTML 37Page - Texas Instruments AFE5803ZCF Datasheet HTML 38Page - Texas Instruments AFE5803ZCF Datasheet HTML 39Page - Texas Instruments AFE5803ZCF Datasheet HTML 40Page - Texas Instruments AFE5803ZCF Datasheet HTML 41Page - Texas Instruments AFE5803ZCF Datasheet HTML 42Page - Texas Instruments AFE5803ZCF Datasheet HTML 43Page - Texas Instruments AFE5803ZCF Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
2
2
2
total
LNAnoise
s
LNAnoise
LNA _ Noise
V
R
I
=
+
´
(b) Active Termination
S0499-01
LNA
R
s
(a)No Termination
(c)Passive Termination
LNA
R
s
R
f
LNA
R
s
R
t
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
CM_BYP and VHIGH pins, which generate internal reference voltages, need to be decoupled with
≥1uF
capacitors. Bigger bypassing capacitors (
>2.2uF) may be beneficial if low frequency noise exists in system.
LNA Noise Contribution
The noise spec is critical for LNA and it determines the dynamic range of entire system. The LNA of the
AFE5803 achieves low power and an exceptionally low-noise voltage of 0.63 nV/
√Hz, and a low current noise of
2.7 pA/
√Hz.
Typical ultrasonic transducer
’s impedance Rs varies from tens of ohms to several hundreds of ohms. Voltage
noise is the dominant noise in most cases; however, the LNA current noise flowing through the source
impedance (Rs) generates additional voltage noise.
(2)
The AFE5803 achieves low noise figure (NF) over a wide range of source resistances as shown in Figure 29,
Figure 30, andFigure 31.
Active Termination
In ultrasound applications, signal reflection exists due to long cables between transducer and system. The
reflection results in extra ringing added to echo signals in PW mode. Since the axial resolution depends on echo
signal length, such ringing effect can degrade the axial resolution. Hence, either passive termination or active
termination, is preferred if good axial resolution is desired. Figure 72 shows three termination configurations:
Figure 72. Termination Configurations
40
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com