Electronic Components Datasheet Search
  English  ▼

X  

AFE5803ZCF Datasheet(PDF) 44 Page - Texas Instruments

Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803ZCF Datasheet(HTML) 44 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 40Page - Texas Instruments AFE5803ZCF Datasheet HTML 41Page - Texas Instruments AFE5803ZCF Datasheet HTML 42Page - Texas Instruments AFE5803ZCF Datasheet HTML 43Page - Texas Instruments AFE5803ZCF Datasheet HTML 44Page - Texas Instruments AFE5803ZCF Datasheet HTML 45Page - Texas Instruments AFE5803ZCF Datasheet HTML 46Page - Texas Instruments AFE5803ZCF Datasheet HTML 47Page - Texas Instruments AFE5803ZCF Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
FPGA Clock/
NoisyClock
n×(20~65)MHz
TIJitterCleaner
CDCE72010/
CDCM7005
CDCLVP1208
1-to-8
CLKBuffer
20~65MHz
ADCCLK
8 Synchronized
ADCCLKs
CDCE72010has10
outputsthusthebuffer
maynotbeneededfor
64CHsystems
B0437-01
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
ADC OPERATION
ADC Clock Distribution
To ensure that the aperture delay and jitter are the same for all channels, the AFE5803 uses a clock tree
network to generate individual sampling clocks for each channel. The clock, for all the channels, are matched
from the source point to the sampling circuit of each of the eight internal ADCs. The variation on this delay is
described in the aperture delay parameter of the output interface timing. Its variation is given by the aperture jitter
number of the same table.
Figure 75. ADC Clock Distribution Network
In the single-end case, it is recommended that the use of low jitter square signals (LVCMOS levels, 1.8 V
amplitude). See TI document SLYT075 for further details on the theory.
The jitter cleaner CDCM7005 or CDCE72010 is suitable to generate the AFE5803
’s ADC clock and ensure the
performance for the14 bit ADC with 77 dBFS SNR. A clock distribution network is shown in Figure 75.
The AFE5803 can accept differential LVDS, LVPECL, and other differential clock inputs as well as single-ended
clock. AC coupling is required between clock drivers and the AFE5803 clock inputs. When single-ended clock is
used, CLKM should be tied to ground. Common clock configurations are illustrated in Figure 76. Appropriate
termination is recommended to achieve good signal integrity.
44
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com