Electronic Components Datasheet Search
  English  ▼

X  

AFE5803ZCF Datasheet(PDF) 48 Page - Texas Instruments

Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803ZCF Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 44Page - Texas Instruments AFE5803ZCF Datasheet HTML 45Page - Texas Instruments AFE5803ZCF Datasheet HTML 46Page - Texas Instruments AFE5803ZCF Datasheet HTML 47Page - Texas Instruments AFE5803ZCF Datasheet HTML 48Page - Texas Instruments AFE5803ZCF Datasheet HTML 49Page - Texas Instruments AFE5803ZCF Datasheet HTML 50Page - Texas Instruments AFE5803ZCF Datasheet HTML 51Page - Texas Instruments AFE5803ZCF Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
POWER SUPPLY, GROUNDING AND BYPASSING
In a mixed-signal system design, power supply and grounding design plays a significant role. The AFE5803
distinguishes between two different grounds: AVSS(Analog Ground) and DVSS(digital ground). In most cases, it
should be adequate to lay out the printed circuit board (PCB) to use a single ground plane for the AFE5803.
Care should be taken that this ground plane is properly partitioned between various sections within the system to
minimize interactions between analog and digital circuitry. Alternatively, the digital (DVDD) supply set consisting
of the DVDD and DVSS pins can be placed on separate power and ground planes. For this configuration, the
AVSS and DVSS grounds should be tied together at the power connector in a star layout. In addition, optical
isolator or digital isolators, such as ISO7240, can separate the analog portion from the digital portion completely.
Consequently they prevent digital noise to contaminate the analog portion. Table 11 lists the related circuit blocks
for each power supply.
Table 12. Supply vs Circuit Blocks
POWER SUPPLY
GROUND
CIRCUIT BLOCKS
LNA, attenuator, PGA with current clamp
AVDD (3.3VA)
AVSS
and BPF, reference circuits, PGA test mode
buffer, VCA SPI
AVDD_5V (5VA)
AVSS
LNA, reference circuits
AVDD_ADC (1.8VA)
AVSS
ADC analog and reference circuits
DVDD (1.8VD)
DVSS
LVDS and ADC SPI
All Bypassing and power supplies for the AFE5803 should be referenced to their corresponding ground planes.
All supply pins should be bypassed with 0.1
µF ceramic chip capacitors (size 0603 or smaller). In order to
minimize the lead and trace inductance, the capacitors should be located as close to the supply pins as possible.
Where double-sided component mounting is allowed, these capacitors are best placed directly under the
package. In addition, larger bipolar decoupling capacitors 2.2
µF to 10 µF, effective at lower frequencies) may
also be used on the main supply pins. These components can be placed on the PCB in proximity (
< 0.5 in or
12.7 mm) to the AFE5803 itself.
The AFE5803 has a number of reference supplies needed to be bypassed, such CM_BYP, VHIGH, and
VREF_IN. These pins should be bypassed with at least 1
µF; higher value capacitors can be used for better
low-frequency noise suppression. For best results, choose low-inductance ceramic chip capacitors (size 0402,
>
1
µF) and place them as close as possible to the device pins.
High-speed mixed signal devices are sensitive to various types of noise coupling. One primary source of noise is
the switching noise from the serializer and the output buffer/drivers. For the AFE5803, care has been taken to
ensure that the interaction between the analog and digital supplies within the device is kept to a minimal amount.
The extent of noise coupled and transmitted from the digital and analog sections depends on the effective
inductances of each of the supply and ground connections. Smaller effective inductance of the supply and
ground pins leads to improved noise suppression. For this reason, multiple pins are used to connect each supply
and ground sets. It is important to maintain low inductance properties throughout the design of the PCB layout by
use of proper planes and layer thickness.
BOARD LAYOUT
Proper grounding and bypassing, short lead length, and the use of ground and power-supply planes are
particularly important for high-frequency designs. Achieving optimum performance with a high-performance
device such as the AFE5803 requires careful attention to the PCB layout to minimize the effects of board
parasitics and optimize component placement. A multilayer PCB usually ensures best results and allows
convenient component placement. In order to maintain proper LVDS timing, all LVDS traces should follow a
controlled impedance design. In addition, all LVDS trace lengths should be equal and symmetrical; it is
recommended to keep trace length variations less than 150mil (0.150 in or 3.81mm).
Additional details on BGA PCB layout techniques can be found in the Texas Instruments Application Report
MicroStar BGA Packaging Reference Guide (SSYZ015B), which can be downloaded from www.ti.com.
48
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com