Electronic Components Datasheet Search
  English  ▼

X  

TC397 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TC397 Datasheet HTML 1Page - Infineon Technologies AG TC397 Datasheet HTML 2Page - Infineon Technologies AG TC397 Datasheet HTML 3Page - Infineon Technologies AG TC397 Datasheet HTML 4Page - Infineon Technologies AG TC397 Datasheet HTML 5Page - Infineon Technologies AG TC397 Datasheet HTML 6Page - Infineon Technologies AG TC397 Datasheet HTML 7Page - Infineon Technologies AG TC397 Datasheet HTML 8Page - Infineon Technologies AG TC397 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
User Manual
2-1
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Features
2Features
2.1
Summary of Features
– Infineon’s TC3X7 (TC397, TC387) AURIX™ 2G Controller in LFBGA-292 Package
– LCD XGA Display 320x240
–SD card slot (mini SD)
– High Speed CAN Transceiver (CAN FD capable)
– USB to UART bridge
– Ethernet Gigabit PHY
–LIN Transceiver
– Crystal 20MHz (default) or External Clock
– USB miniWiggler JDS for easy debugging
– 4 Low Power Status LEDs
– RTC with alarm
– Acoustic beeper
– 100mm x 100mm
Connectors
The Application Kit TC3X7 offers a wide variety of connectors:
– Standard power connector
– Micro USB connector for ASC Interface (ASC0) and miniWiggler
– RJ45 connector for Ethernet (if Gigabit Ethernet supported by assembled CPU)
– 16-pin header for JTAG interface (OCDS)
–10-pin header for DAP
– 10pin (2x5) Header for LIN Transceiver (LIN)
– 10pin (2x5) Header for CAN High Speed Transceiver (CAN0)
– two 40-pin connectors with I/O signals
– mini SD card slot
Components
– Infineon’s Multi Voltage Safety Micro Processor Supply TLF35584QV
– LED to validate power supply (5V or 3,3Volt)
– LED indicating RESET (ESR0) active state
– LED indicating activ miniWiggler JDS
– LED switched via DAS software
– Infineon’s High Speed CAN Transceiver TLE 9251V (CAN FD capable)
– Infineon’s LIN-Transceiver TLE 7259-3GE
– QSPI Real-Time Clock/Calendar with SRAM and unique MAC Id MCP79511 (if CPU not support I2C)
– I2C Real-Time Clock/Calendar with SRAM and unique MAC Id MCP79411 (if CPU support I2C)
– USB to UART bridge FT2232HL (FTDI)
– Integrated 10/100/1000M Ethernet Precision Transceiver RTL8211FI-CG (Realtek)
– Touch screen controller ADS7843
– 4 general purpose LEDs
–Reset switch
–Wake switch
– Xilinx CPLD XC9572XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com