Electronic Components Datasheet Search
  English  ▼

X  

TC397 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TC397 Datasheet HTML 12Page - Infineon Technologies AG TC397 Datasheet HTML 13Page - Infineon Technologies AG TC397 Datasheet HTML 14Page - Infineon Technologies AG TC397 Datasheet HTML 15Page - Infineon Technologies AG TC397 Datasheet HTML 16Page - Infineon Technologies AG TC397 Datasheet HTML 17Page - Infineon Technologies AG TC397 Datasheet HTML 18Page - Infineon Technologies AG TC397 Datasheet HTML 19Page - Infineon Technologies AG TC397 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
User Manual
5-1
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Signal (on board used) Description
5
Signal (on board used) Description
For more information about the signals please see the user manual/datasheet for TC3X7 and/or the schematics
of the board.
All not mentioned signals are not used on the board and can be used outside if they are connected to the IO
Connectors see Figure 6-1. Optional marked signals are used only if they are connected (default is that they are
not used on the board).
5.1
Power Signals
5.2
Reset Signals
5.3
Config Signals
Table 5-1
Power Signals
Short name
Description
VCC_IN
Supply Input (3,5V...40V)
VIN
Input Voltage of Power Supply Device
GND
Ground
V_PREPEG
Pre Regulator Voltage (~5,8V)
+3V3
Supply Voltage (3,3V)
+5V
Supply Voltage (5V)
V_UC
Microcontroller Supply Voltage (5V or 3,3V depends on assembled TLF35584)
VREF_5V
Reference Supply Voltage (5V)
QST
Standby Supply Voltage (5V or 3,3V depends on assembled TLF35584)
VDD
Core Supply Voltage (1,25V)
VDDM
ADC Analog Part Supply Voltage (5V or 3,3V selectable via 1R resistors)
VAREF1
ADC Reference Voltage 1 (5V or 3,3V selectable via 4R7 resistors)
VAREF2
ADC Reference Voltage 2 (5V or 3,3V selectable via 4R7 resistors)
VDD_USB
Supply Voltage from USB (5V)
VDD_FT
Supply Voltage FT2232HL device (3,3V)
Table 5-2
Reset Signals
Short name
Description
/PORST
Power On Reset
/ESR0
External Service Request 0 (Hardware Reset)
/ESR1
External Service Request 1 (Non Maskable Interrupt)
Table 5-3
Config Signals
Short name
Description
P14.5
HWCFG1 (EVR33OFF)
P14.2
HWCFG2 (EVRCON)
P14.4
HWCFG6 (Pins in tristate / Pins with pull-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com