Electronic Components Datasheet Search
  English  ▼

X  

TC397 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TC397 Datasheet HTML 16Page - Infineon Technologies AG TC397 Datasheet HTML 17Page - Infineon Technologies AG TC397 Datasheet HTML 18Page - Infineon Technologies AG TC397 Datasheet HTML 19Page - Infineon Technologies AG TC397 Datasheet HTML 20Page - Infineon Technologies AG TC397 Datasheet HTML 21Page - Infineon Technologies AG TC397 Datasheet HTML 22Page - Infineon Technologies AG TC397 Datasheet HTML 23Page - Infineon Technologies AG TC397 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
User Manual
6-1
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Connector Pin Assignment
6
Connector Pin Assignment
The Application Kit will be shipped with two 40 pin male (plug) connectors on top layer with a standard grid of
2,54mm.
6.1
I/O connectors TC387 and TC397
Figure 6-1 IO connectors for TC387 and TC397 - Pinout
Note:
VCC_IN is connected to X102 and X103 with a 0R resistor which is not assembled by default to avoid
shortcut to VEXT in case of measurement on the connector. If VCC_IN needed on X102 and X103 then
assemble R113 with a resistor 0R size 0805. Pin 1 of X102 and X103 are always connected together.
6.2
Power connector pinout
Figure 6-2 Power connector pinout (Roka 520 2550)
(VCC_IN)
1
2
V_UC
P14.540 39P14.4
GND
3
4
GND
P33.10
38 37
P33.9
P21.2
5
6
P21.3
P15.7
36 35
P15.6
P14.8
7
8
P14.7
P15.5
34 33
P15.4
P14.6
9 10
P20.0
P15.8
32 31
P15.2
P21.411 12P21.5
P22.330 29P22.2
P02.013 14P02.1
P22.128 27P22.0
P02.2
15 16
P02.3
P33.11
26 25
P23.4
P02.417 18P02.5
P23.324 23P23.2
P02.619 20P02.7
P23.122 21P23.0
P02.821 22P00.0
P33.620 19P33.8
P00.1
23 24
P00.2
P33.12
18 17
P33.1
P00.325 26P00.4
P33.216 15P33.3
P00.527 28P00.6
P33.414 13P33.5
P00.729 30P00.8
AN0
12 11
AN8
P00.9
31 32
P00.10
AN2
10 9
AN3
P00.11
33 34
P00.12
AN11
8
7
AN13
AN19
35 36
AN18
AN20
6
5
AN21
AN17
37 38
AN16
GND
4
3
GND
AN25
39 40
AN24
V_UC
2
1
(VCC_IN)
X102
X103
+5,5V…+40V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com