Electronic Components Datasheet Search
  English  ▼

X  

TC397 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TC397 Datasheet HTML 7Page - Infineon Technologies AG TC397 Datasheet HTML 8Page - Infineon Technologies AG TC397 Datasheet HTML 9Page - Infineon Technologies AG TC397 Datasheet HTML 10Page - Infineon Technologies AG TC397 Datasheet HTML 11Page - Infineon Technologies AG TC397 Datasheet HTML 12Page - Infineon Technologies AG TC397 Datasheet HTML 13Page - Infineon Technologies AG TC397 Datasheet HTML 14Page - Infineon Technologies AG TC397 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
User Manual
3-3
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Application Kit Information
The MCP79511/MCP79411 contains also an unique ID in the format EUI-48. This id can be used as mac id for
ethernet if the assembled CPU support ethernet.
For more information about the RTC please see the datasheet of MCP79511/MCP79411.
3.4
XGA Display
The board has an XGA Display with a resolution of 320x240. The display has an ILI9341 display controller. Please
see the datasheet of the display controller for the register of the controller. The display is connected to the the
microcontroller via an SPI to Parallel converter (U201).
The SPI to Parallel converter is based on a statemachine. This state machine is clocked with the clock of SPI, here
SCLK0 (P20.13). Each rising edge of P20.13 will change the state of statemachine. When SLSO08 (P20.6) is not low
then the state machine will go always in the idle state with a valid clock edge.
The backgound light is switched on via port 15 pin 0. An high level on this port pin enable the backgound light.
3.4.1
Write a display register
A single write to any register can be done by a 32 bit transfer of SPI. Make sure that the SLSO08 is low during this
32 bit. Bit 31 must be transfered first.
Bit 31 must be 0, this will be indicate a write access.
Bit 30 must be 0, this will be indicate a single access.
Bit 29...Bit 22 is the 8 bit register number which will be written
Bit 21...Bit 6 is the 16bit value which will be written
Bit 5...Bit 0 are dummy bits which are used to execute the write.
To speedup the writing (e.g. write to ram of display controller) it is possible to make a endless transfer. This is
done by this:
first 10 bit transfer
Bit 9 must be 0, this will be indicate a write access.
Bit 8 must be 1, this will be indicate an endless transfer.
Bit 7...Bit 0 is the 8 bit register number which will be written
Now you need to transfer only 16bit values for the registers. With the first 16 bit value there is no action on the
display. With the second value transfer is a write to the register started. This means after the last value you must
make a dummy transfer to write the last value.
The endless mode can only be leave by a rising edge of SCLK0 with SLSO08 set to high. This can be done by a
dummy transfer to any other chip select or by a transfer from the touch controller.
3.4.2
Read a display register
A single read from any register can be done by a 32 bit transfer of SPI. Make sure that the SLSO08 is low during the
complete transfer.
first transfer has 16 bit:
Bit 15 must be 1, this will be indicate a read access.
Bit 14 must be 0, this will be indicate a single access.
Bit 13...Bit 7 is the 8 bit register number which will be read
Bit 5...Bit 0 are dummy bits to setup the register number.
second transfer must have 26 bits:
Bit 25...Bit 16 are dummy bits which are needed to readout the register value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com