Electronic Components Datasheet Search
  English  ▼

X  

TC397 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC397 Datasheet HTML 5Page - Infineon Technologies AG TC397 Datasheet HTML 6Page - Infineon Technologies AG TC397 Datasheet HTML 7Page - Infineon Technologies AG TC397 Datasheet HTML 8Page - Infineon Technologies AG TC397 Datasheet HTML 9Page - Infineon Technologies AG TC397 Datasheet HTML 10Page - Infineon Technologies AG TC397 Datasheet HTML 11Page - Infineon Technologies AG TC397 Datasheet HTML 12Page - Infineon Technologies AG TC397 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
User Manual
3-1
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Application Kit Information
3
Application Kit Information
3.1
Available Boards
The following boards are available:
– Application Kit TC397 V2.0 with VEXT=5V
– Application Kit TC397 V2.0 with VEXT=3,3V
– Application Kit TC387 V2.0 with VEXT=5V
– Application Kit TC387 V2.0 with VEXT=3,3V
If the TLF35584 is stamped with VS1 then the board has VEXT=5V.
If the TLF35584 is stamped with VS2 then the board has VEXT=3,3V.
The used VEXT voltage can also be detected by the supply measurement of the AURIX™ device itself and os
measureable on pin 2 of X102 and X103.
Note:
Only on Application Kit TC397 V2.0 with VEXT=3,3V is the SD card connected to the TC397 via SDMMC
module and P10.2/3 is used for CAN. All other boards are using QSPI for SD card access and P20.7/8 for
CAN.
3.2
Power Supply
All needed voltages are generated via Infineon’s Multi Voltage Safety Micro Processor Supply TLF35584QV and via
the microcontroller itself (+1,25V).
The supply device is available as two different devices:
TLF35584QVVS1 -> +5V standby voltage, +5V TriCore supply (V_UC)
TLF35584QVVS2 -> +3,3V standby voltage, +3,3V TriCore supply (V_UC)
Dependent of the assembled device the board works with 5V or 3,3V IO.
The TLF35584QV provide the following voltages:
+3,3V or +5V for standby (connected to VEVRSB)
+3,3V or +5V for TriCore (connected to VEXT)
+5V communcation supply (used by CAN transceiver and acoustic beeper)
+5V voltage reference (connected to VDDM and VAREFx)
+3,3V via LDO directly from pre regulator (connected to VDDP3 and VFLEX and used by Ethernet PHY, display and
SD card)
Applying a stable supply voltage causes the power on reset after a short period. The LED (V_UC) indicate the
status of the cpu voltage.
A manual power on reset is executed by pressing the reset button.
The Board has to be connected to a +3,5V to +40V DC power supply.
The board can be powered directly by USB or by the power connector. In case that the voltage on the power
connector is higher than the 5V from the USB then the board is powered by power connector.
3.2.1
Power via supply connector (X101)
The Board has to be connected to a +5,5V to +40V DC power supply.
A supply with 6V and 800mA is sufficient. The pinout for the supply connector is shown in Figure 6-2. There can be
used any standard power pack with a connector where the positive line is surrounded by the ground line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com