Electronic Components Datasheet Search
  English  ▼

X  

TS5V522CPWR.B Datasheet(PDF) 14 Page - Texas Instruments

Part # TS5V522CPWR.B
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button TS5V522CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 11Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 12Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 13Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 14Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 15Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 16Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 17Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Jun-2022
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TS5V522CDBQR
SSOP
DBQ
24
2500
356.0
356.0
35.0
TS5V522CPWR
TSSOP
PW
24
2000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com