Electronic Components Datasheet Search
  English  ▼

X  

TS5V522CPWR.B Datasheet(PDF) 8 Page - Texas Instruments

Part # TS5V522CPWR.B
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5V522CPWR.B Datasheet HTML 4Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 5Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 6Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 9Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 11Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
f - Frequency - MHz
10
-40
-50
-60
-70
-80
-90
-100
1.00E+06
1.00E+07
1.00E+08
1.00E+09
200
160
100
50
0
-50
-100
-30
-20
-10
0
-150
-200
-250
20
250
Crosstalk at 10 MHz, -81 dB
Phase at 10 MHz, -86°
f- Frequency - MHz
0
-1
-2
-3
-4
-5
-6
-7
1.00E+06
1.00E+07
1.00E+08
1.00E+09
0
-10
-20
-30
-40
-50
-60
-70
Gain at -3dB, 368MHz
Phase at -3dB, -32°
Vbias - V
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
0
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-0.495
-0.5
-0.505
-0.51
-0.52
-0.525
-0.53
-0.535
Differential Gain at 0.714V, 38%
Differential Phase at 0.714V, -0.52
f - Frequency - MHz
20
-30
-40
-50
-60
-70
-80
-90
1.00E+06
1.00E+07
1.00E+08
1.00E+09
180
160
140
120
100
80
60
-20
-10
0
10
40
20
0
Off isolation at 10MHz, -44dB
Phase at 10MHz, 88°
TS5V522C
SCDS317
– MARCH 2011
www.ti.com
over recommended operating free-air temperature range, VCC = 5 V
±10%(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DG
RL = 75 Ω, f = 3.58 MHz, see Figure 10
0.37
%
DP
RL = 75 Ω, f = 3.58 MHz, see Figure 10
0.0330
Deg
BW
RL = 75 Ω, see Figure 11
330
MHz
RIN = 10 Ω, RL = 150Ω, f = 10 MHz, see
–83
XTALK
dB
Figure 11
OIRR
RL = 75 Ω, f = 10 MHz, see Figure 11
–44
dB
(1)
All typical values are at VCC = 5V (unless otherwise noted). TA = 25°C.
Figure 3. Frequency Response
Figure 4. Non-adjacent Crosstalk vs Frequency
Figure 5. Off Isolation vs Frequency
Figure 6. Differential Phase/Gain vs Vbias
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS5V522C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com