Electronic Components Datasheet Search
  English  ▼

X  

TS5V522CPWR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # TS5V522CPWR.B
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5V522CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 9Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 11Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 12Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 13Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 14Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Ω
TS5V522C
www.ti.com
SCDS317
– MARCH 2011
Figure 11. Test Circuit for Frequency Response, Crosstalk, and OFF-Isolation
The frequency response is measured at the output of the ON channel. For example, when VIN = 0, VEN = 0, and
DA is the input, the output is measured at S1A. All unused analog I/O ports are held at VCC or GND.
The crosstalk is measured at the output of the non-adjacent ON channel. For example, when VIN = 0, VEN = 0,
and DA is the input, the output is measured at S1B. All unused analog I/O ports are held at VCC or GND.
The off-isolation is measured at the output of the OFF channel. For example, when VIN = 0, VEN = VCC, and DA is
the input, the output is measured at S1A. All unused analog I/O ports are held at VCC or GND.
HP8753ES Setup
Average = 4
RBW = 3 kHz
Smoothing = 0%
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TS5V522C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com