Electronic Components Datasheet Search
  English  ▼

X  

TS5V522CPWR.B Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5V522CPWR.B
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR.B Datasheet(HTML) 5 Page - Texas Instruments

  TS5V522CPWR.B Datasheet HTML 1Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 2Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 3Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 4Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 5Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 6Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
VGA
Graphics
(3.3V)
VGA
Graphics
(3.3V)
Logic Control
TS5V522C
VGA Connector
R
G
B
H.Sync
V.Sync
SDA
SCL
Docking Station
Connector
R
G
B
H.Sync
V.Sync
SDA
SCL
CBT3257C
VCC = + 5V
VCC = + 3.3V
VCC = + 5V
Design Notes:
1. DDC (SCL,SDA) is open drain I2C Bus type and need pull up resistors.
N-Channel FET Switch allow to pull up desired Vcc Level not exceeding the
Vcc of FET Switch
2. VGA (H.Sync, V.Sync) are TTL/CMOS Type from the source of V ideo and it may
required pull up to achieve as high as 5V Signal level to meet VGA Specifications too.
SW
SW
SW
SW
TS5V522C
www.ti.com
SCDS317
– MARCH 2011
Figure 1. Typical Design Examples for Dual VGA Source Signal Exchange
Figure 2. Typical Design Example for Level Shifting with N-Channel FET Switch
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TS5V522C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com