Electronic Components Datasheet Search
  English  ▼

X  

TS5V522CPWR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # TS5V522CPWR.B
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5V522CPWR.B Datasheet HTML 3Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 4Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 5Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 6Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 9Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TS5V522C
www.ti.com
SCDS317
– MARCH 2011
ELECTRICAL CHARACTERISTICS
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
EN, IN
VCC = 4.5 V,
IIN = –18 mA
–1.8
V
VH
EN, IN
400
mV
IIH
EN, IN
VCC = 5.5 V,
VIN and VEN = VCC
±1
µA
IIL
EN, IN
VCC = 5.5 V,
VIN and VEN = GND
±1
µA
IOZ
(3)
VCC = 5.5 V,
VO = 0 to 5.5 V,
Switch OFF
±10
µA
VI = 0,
IOS
VCC = 5.5 V,
VO = 0 to 5.5 V,
Switch ON
±110
mA
VI = 0,
Ioff
VCC = 0 V,
VO = 0 to 5.5 V,
VI = 0
±1
µA
ICC
VCC = 5.5 V,
II/O = 0,
Switch ON or OFF
3
µA
ΔICC
EN, IN
VCC = 5.5 V,
One input at 3.4 V,
Other Inputs at VCC or
2.5
mA
GND
ICCD
VCC = 5.5 V,
I/O ports are open,
VIN switching 50% duty
0.25
mA/MHz
VEN = GND,
cycle
Cin
EN, IN
VIN or VEN = 0 V,
f = 1 MHz
3..5
pF
COFF
D port
VI/O = 3 V or 0 V,
Switch OFF,
VIN = VCC or GND
8.5
pF
S port
Switch ON,
5.5
CON
VI = 0 V,
f = 1MHz, output open,
Switch ON
16.5
pF
rON
(4)
VCC = 4.5 V,
VI = 1 V,
IO = 13 mA, RL = 75Ω
3
7
Ω
VI = 2 V,
IO = 26 mA, RL = 75Ω
3
10
(1)
VI, VO, II, and IO refer to the I.O pins.
(2)
All typical values are at VCC = 5 V (unless otherwise noted). TA = 25°C
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (S or D) terminals.
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted), see Figure 9
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tON
S
D
1
6.6
ns
tOFF
S
D
1
6.0
ns
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V
±10%(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DG
RL = 150 Ω, f = 3.58 MHz, see Figure 10
0.37
%
DP
RL = 150 Ω, f = 3.58 MHz, see Figure 10
0.0330
Deg
BW
RL = 150 Ω, see Figure 11
380
MHz
RIN = 10 Ω, RL = 150 Ω, f = 10 MHz, see
–83
XTALK
dB
Figure 11
OIRR
RL = 150 Ω, f = 10 MHz, see Figure 11
–44
dB
(1)
All typical values are at VCC = 5V (unless otherwise noted). TA = 25°C.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TS5V522C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com