Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 34 Page - Texas Instruments

Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 30Page - Texas Instruments TSC2102 Datasheet HTML 31Page - Texas Instruments TSC2102 Datasheet HTML 32Page - Texas Instruments TSC2102 Datasheet HTML 33Page - Texas Instruments TSC2102 Datasheet HTML 34Page - Texas Instruments TSC2102 Datasheet HTML 35Page - Texas Instruments TSC2102 Datasheet HTML 36Page - Texas Instruments TSC2102 Datasheet HTML 37Page - Texas Instruments TSC2102 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
34
BIT
FUNCTION
RESET
VALUE
READ/
WRITE
NAME
D7
Z2STAT
R
0
Z2 Data Register Status
0 => No new data is available in Z2−data register
1 => New data is available in Z2−data register
Note: This bit gets cleared only after the converted data of Z2 coordinate has been completely read
out of the register.
D6
B1STAT
R
0
BAT1 Data Register Status
0 => No new data is available in BAT1−data register
1 => New data is available in BAT1−data register
Note: This bit gets cleared only after the converted data of BAT1 has been completely read out of
the register.
D5
B2STAT
R
0
BAT2 Data Register Status
0 => No new data is available in BAT2−data register
1 => New data is available in BAT2−data register
Note: This bit gets cleared only after the converted data of BAT2 has been completely read out of
the register.
D4
AXSTAT
R
0
AUX Data Register Status
0 => No new data is available in AUX−data register
1 => New data is available in AUX−data register
Note: This bit gets cleared only after the converted data of AUX has been completely read out of the
register.
D3
R
0
Reserved
D2
T1STAT
R
0
TEMP1 Data Register Status
0 => No new data is available in TEMP1−data register
1 => New data is available in TEMP1−data register
Note: This bit gets cleared only after the converted data of TEMP1 has been completely read out of
the register.
D1
T2STAT
R
0
TEMP2 Data Register Status
0 => No new data is available in TEMP2−data register
1 => New data is available in TEMP2−data register
Note: This bit gets cleared only after the converted data of TEMP2 has been completely read out of
the register.
D0
R
0
Reserved
REGISTER 02H: Reserved
BIT
NAME
READ/
WRITE
RESET
VALUE
FUNCTION
D15−D0
R
FFFFH
Reserved
REGISTER 03H: Reference Control
BIT
NAME
READ/
WRITE
RESET
VALUE
FUNCTION
D15−D5
R
000H
Reserved
D4
VREFM
R/W
0
Voltage Reference Mode. This bit configures the VREF pin as either external reference or internal
reference.
0 => External reference
1 => Internal reference
D3−D2
RPWUDL
R/W
00
Reference Power Up Delay. These bits allow for a delay time for measurements to be made after
the reference powers up, thereby assuring that the reference has settled
00 => 0
µs
01 => 100
µs
10 => 500
µs
11 => 1000
µs
Note: This is valid only when the device is programmed for internal reference and Bit D1 = 1, i.e.,
reference is powered down between the conversions if not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com