Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 39 Page - Texas Instruments

Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 35Page - Texas Instruments TSC2102 Datasheet HTML 36Page - Texas Instruments TSC2102 Datasheet HTML 37Page - Texas Instruments TSC2102 Datasheet HTML 38Page - Texas Instruments TSC2102 Datasheet HTML 39Page - Texas Instruments TSC2102 Datasheet HTML 40Page - Texas Instruments TSC2102 Datasheet HTML 41Page - Texas Instruments TSC2102 Datasheet HTML 42Page - Texas Instruments TSC2102 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
39
REGISTER 06H: Audio Control 3
BIT
NAME
READ/
WRITE
RESET
VALUE
FUNCTION
D15−D14
DMSVOL
R/W
00
DAC Channel Master Volume Control
00 => Left channel and right channel have independent volume controls.
01 => Left channel volume control is the programmed value of the right channel volume control.
10 => Right channel volume control is the programmed value of the left channel volume control.
11 => same as 00
D13
REFFS
R/W
0
Reference Sampling Rate
0 => Fsref = 48.0kHz
1 => Fsref = 44.1kHz
D12
DAXFM
R/W
0
Master Transfer Mode
0 => Continuous data transfer mode
1 => 256−s data transfer mode
D11
SLVMS
R/W
0
Audio Master Slave Selection
0 => TSC2102 is slave DAC
1 => TSC2102 is master DAC
D10−D8
R
000
Reserved. Write only 000 to this location.
D7
DALOVF
R
0
DAC Left Channel Overflow Flag ( Read Only )
0 => DAC left channel data is within saturation limits
1 => DAC left channel data has exceeded saturation limits
Note : Once this flag is set to 1, it gets cleared only when user reads this register.
D6
DAROVF
R
0
DAC Right Channel Overflow Flag ( Read Only )
RESET VAL = 0
0 => DAC right channel data is within saturation limits
1 => DAC right channel data has exceeded saturation limits
Note : Once this flag is set to 1, it is cleared only when user reads this register
D5−D3
R
000
Reserved. Write only 000 to this location.
D2−D0
REVID
R
001
Revision ID. This field represents the silicon revision and should always read 001.
REGISTER 07H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_N0
R/W
27619
Left channel bass-boost coefficient N0.
REGISTER 08H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_N1
R/W
−27034
Left channel bass-boost coefficient N1.
REGISTER 09H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_N2
R/W
26461
Left channel bass-boost coefficient N2.
REGISTER 0AH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_N3
R/W
27619
Left channel bass-boost coefficient N3.
REGISTER 0BH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_N4
R/W
−27034
Left channel bass-boost coefficient N4.
REGISTER 0CH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_N5
R/W
26461
Left channel bass-boost coefficient N5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com