Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 11 Page - Texas Instruments

Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 7Page - Texas Instruments TSC2102 Datasheet HTML 8Page - Texas Instruments TSC2102 Datasheet HTML 9Page - Texas Instruments TSC2102 Datasheet HTML 10Page - Texas Instruments TSC2102 Datasheet HTML 11Page - Texas Instruments TSC2102 Datasheet HTML 12Page - Texas Instruments TSC2102 Datasheet HTML 13Page - Texas Instruments TSC2102 Datasheet HTML 14Page - Texas Instruments TSC2102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
11
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
020
40
60
80
Sampling Rate (ksps)
Figure 7. Touch Screen Power Consumption With Speed (TA = 255C, External Ref, Host Controlled AUX
Conversion, AVDD = 3.3 V)
−160
−140
−120
−100
−80
−60
−40
−20
0
0
5000
10000
15000
20000
Hz
Figure 8. DAC FFT Plot (TA = 255C, 48 ksps, 0 dB, 1 kHz Input, AVDD = 3.3 V, RL = 10 kW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com